công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC711PH8 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC68HC711PH8
Giải thích chi tiết về linh kiện  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC711PH8 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC68HC711PH8 Datasheet HTML 6Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 7Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 8Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 9Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 10Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 11Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 12Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 13Page - Motorola, Inc MC68HC711PH8 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 264 page
background image
MOTOROLA
ii
MC68HC11PH8
TABLE OF CONTENTS
Paragraph
Number
Page
Number
Title
3
OPERATING MODES AND ON-CHIP MEMORY
3.1
Operating modes ...................................................................................................3-1
3.1.1
Single chip operating mode .............................................................................3-1
3.1.2
Expanded operating mode...............................................................................3-1
3.1.3
Special test -mode ...........................................................................................3-2
3.1.4
Special bootstrap mode ...................................................................................3-2
3.2
On-chip memory....................................................................................................3-3
3.2.1
Mapping allocations .........................................................................................3-4
3.2.1.1
RAM ...........................................................................................................3-4
3.2.1.2
ROM and EPROM......................................................................................3-5
3.2.1.3
Bootloader ROM ........................................................................................3-5
3.2.2
Registers..........................................................................................................3-5
3.3
System initialization ...............................................................................................3-10
3.3.1
Mode selection.................................................................................................3-10
3.3.1.1
HPRIO — Highest priority I-bit interrupt & misc. register ...........................3-11
3.3.2
Initialization ......................................................................................................3-12
3.3.2.1
CONFIG — System configuration register .................................................3-12
3.3.2.2
INIT — RAM and I/O mapping register ......................................................3-14
3.3.2.3
INIT2 — EEPROM mapping and MI BUS delay register............................3-16
3.3.2.4
OPTION — System configuration options register 1..................................3-17
3.3.2.5
OPT2 — System configuration options register 2 ......................................3-18
3.3.2.6
BPROT — Block protect register................................................................3-21
3.3.2.7
TMSK2 — Timer interrupt mask register 2.................................................3-22
3.4
EPROM, EEPROM and CONFIG register .............................................................3-23
3.4.1
EPROM............................................................................................................3-23
3.4.1.1
EPROG — EPROM programming control register.....................................3-23
3.4.1.2
EPROM programming ................................................................................3-24
3.4.2
EEPROM .........................................................................................................3-25
3.4.2.1
PPROG — EEPROM programming control register ..................................3-25
3.4.2.2
EEPROM bulk erase ..................................................................................3-27
3.4.2.3
EEPROM row erase ...................................................................................3-28
3.4.2.4
EEPROM byte erase ..................................................................................3-28
3.4.3
CONFIG register programming........................................................................3-29
3.4.4
RAM and EEPROM security ............................................................................3-30
4
PARALLEL INPUT/OUTPUT
4.1
Port A.....................................................................................................................4-2
4.1.1
PORTA — Port A data register ........................................................................4-2
4.1.2
DDRA — Data direction register for port A .....................................................4-2
TPG
8


Số phần tương tự - MC68HC711PH8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC711PH8 FREESCALE-MC68HC711PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
More results

Mô tả tương tự - MC68HC711PH8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC11PH8 FREESCALE-MC68HC11PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Motorola, Inc
MC68HC05J3 MOTOROLA-MC68HC05J3 Datasheet
918Kb / 92P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
MC68HC05B4 MOTOROLA-MC68HC05B4 Datasheet
1Mb / 298P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com