công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC240DGVR bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
SN74AHC240DGVR bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 16 page SN54AHC240, SN74AHC240 OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS251H – OCTOBER 1995 – REVISED JULY 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54AHC240 SN74AHC240 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2 5.5 2 5.5 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 3 V 2.1 2.1 V VCC = 5.5 V 3.85 3.85 VCC = 2 V 0.5 0.5 VIL Low-level input voltage VCC = 3 V 0.9 0.9 V VCC = 5.5 V 1.65 1.65 VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V VCC = 2 V –50 –50 mA IOH High-level output current VCC = 3.3 V ± 0.3 V –4 –4 mA VCC = 5 V ± 0.5 V –8 –8 mA VCC = 2 V 50 50 mA IOL Low-level output current VCC = 3.3 V ± 0.3 V 4 4 mA VCC = 5 V ± 0.5 V 8 8 mA ∆t/∆v Input transition rise or fall rate VCC = 3.3 V ± 0.3 V 100 100 ns/V ∆t/∆v Input transition rise or fall rate VCC = 5 V ± 0.5 V 20 20 ns/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AHC240 SN74AHC240 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 2 1.9 1.9 IOH = –50 mA 3 V 2.9 3 2.9 2.9 VOH 4.5 V 4.4 4.5 4.4 4.4 V OH IOH = –4 mA 3 V 2.58 2.48 2.48 IOH = –8 mA 4.5 V 3.94 3.8 3.8 2 V 0.1 0.1 0.1 IOL = 50 mA 3 V 0.1 0.1 0.1 VOL 4.5 V 0.1 0.1 0.1 V OL IOL = 4 mA 3 V 0.36 0.5 0.44 IOL = 8 mA 4.5 V 0.36 0.5 0.44 II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1* ±1 mA IOZ† VO = VCC or GND, VI (OE) = VIL or VIH 5.5 V ±0.25 ±2.5 ±2.5 mA ICC VI = VCC or GND, IO = 0 5.5 V 4 40 40 mA Ci VI = VCC or GND 5 V 2.5 10 10 pF Co VO = VCC or GND 5 V 3.5 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V. † The parameter IOZ includes the input leakage current. |
Số phần tương tự - SN74AHC240DGVR |
|
Mô tả tương tự - SN74AHC240DGVR |