công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74AC377DT bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74AC377DT
Giải thích chi tiết về linh kiện  Octal D Flip-Flop with Clock Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC377DT bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74AC377DT Datasheet HTML 1Page - ON Semiconductor MC74AC377DT Datasheet HTML 2Page - ON Semiconductor MC74AC377DT Datasheet HTML 3Page - ON Semiconductor MC74AC377DT Datasheet HTML 4Page - ON Semiconductor MC74AC377DT Datasheet HTML 5Page - ON Semiconductor MC74AC377DT Datasheet HTML 6Page - ON Semiconductor MC74AC377DT Datasheet HTML 7Page - ON Semiconductor MC74AC377DT Datasheet HTML 8Page - ON Semiconductor MC74AC377DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev.6
1
Publication Order Number:
MC74AC377/D
MC74AC377, MC74ACT377
Octal D Flip-Flop with
Clock Enable
The MC74AC377/74ACT377 has eight edge-triggered, D-type
flip-flops with individual D inputs and Q outputs. The common
buffered Clock (CP) input loads all flip-flops simultaneously, when
the Clock Enable (CE) is LOW. The register is fully edge-triggered.
The state of each D input, one setup time before the LOW-to-HIGH
clock transition, is transferred to the corresponding flip-flop’s Q
output. The CE input must be stable only one setup time prior to the
LOW-to-HIGH clock transition for predictable operation.
Ideal for Addressable Register Applications
Clock Enable for Address and Data Synchronization Applications
Eight Edge-Triggered D Flip-Flops
Buffered Common Clock
Outputs Source/Sink 24 mA
See MC74AC273 for Master Reset Version
See MC74AC373 for Transparent Latch Version
See MC74AC374 for 3-State Version
ACT377 Has TTL Compatible Inputs
MSL = 1 for all Surface Mount
Chip Complexity: 292 FETS or 73 Gates
http://onsemi.com
1
20
PDIP–20
N SUFFIX
CASE 738
1
20
1
20
1
20
SO–20
DW SUFFIX
CASE 751
TSSOP–20
DT SUFFIX
CASE 948E
EIAJ–20
M SUFFIX
CASE 967
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Số phần tương tự - MC74AC377DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74AC377DT ONSEMI-MC74AC377DT Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DTG ONSEMI-MC74AC377DTG Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DTG ONSEMI-MC74AC377DTG Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
MC74AC377DTR2 ONSEMI-MC74AC377DTR2 Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DTR2G ONSEMI-MC74AC377DTR2G Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
More results

Mô tả tương tự - MC74AC377DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com