công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS18LV10245 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện CS18LV10245
Giải thích chi tiết về linh kiện  HIgh Speed Super Low Power SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV10245 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  CS18LV10245 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV10245 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High Speed Super Low Power SRAM
128K-Word By 8 Bit
CS18LV10245
Rev. 1.2
Copyright 2004 March Chiplus Semiconductor Corp. All rights reserved. .
P 5
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC )
Parameter
Name
Parameter
Test Conduction
MIN TYP(1) MAX
Unit
VIL
Guaranteed Input Low
Voltage
(2)
-0.5
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
2.0
Vcc+0.2
V
IIL
Input Leakage Current VCC=MAX, VIN=0 to VCC
1
uA
IOL
Output Leakage
Current
VCC=MAX, /CE=VIN, or
/OE=VIN , VIO=0V to VCC
1
uA
VOL
Output Low Voltage
VCC=MAX, IOL = 2mA
0.4
V
VOH
Output High Voltage
VCC=MIN, IOH = -1mA
2.4
V
ICC
Operating Power
Supply Current
/CE=VIL, IDQ=0mA, F=FMAX
(3)
35
mA
ICCSB
Standby Supply - TTL
/CE=VIH, IDQ=0mA,
2
mA
ICCSB1
Standby Current
-CMOS
/CE≧VCC-0.2V, VIN
VCC-0.2V or VIN≦0.2V
0.3
10
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester
notice are included.
3. Fmax = 1/t
RC.
DATA RETENTION CHARACTERISTICS ( TA = 0 to +70oC )
Parameter
Name
Parameter
Test Conduction
MIN
TYP(1) MAX Unit
VRD
VCC for Data Retention
/CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.5
V
ICCDR
Data Retention Current
/CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
0.2
2.0
uA
TCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
ns
1. Vcc = 3.0V, TA = + 25
oC. 2. t
RC= Read Cycle Time.


Số phần tương tự - CS18LV10245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

Mô tả tương tự - CS18LV10245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com