công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD22284-A bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD22284-A
Giải thích chi tiết về linh kiện  Dual-Axis, High-g, MEMS Accelerometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD22284-A bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD22284-A Datasheet HTML 1Page - Analog Devices AD22284-A Datasheet HTML 2Page - Analog Devices AD22284-A Datasheet HTML 3Page - Analog Devices AD22284-A Datasheet HTML 4Page - Analog Devices AD22284-A Datasheet HTML 5Page - Analog Devices AD22284-A Datasheet HTML 6Page - Analog Devices AD22284-A Datasheet HTML 7Page - Analog Devices AD22284-A Datasheet HTML 8Page - Analog Devices AD22284-A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual-Axis, High-g,
iMEMS® Accelerometers
ADXL278
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete dual-axis acceleration measurement system on
a single monolithic IC
Available in ±35 g/±35 g, ±50 g/±50 g, or ±70 g/±35 g
output full-scale ranges
Full differential sensor and circuitry for high resistance
to EMI/RFI
Environmentally robust packaging
Complete mechanical and electrical self-test on
digital command
Output ratiometric to supply
Sensitive axes in the plane of the chip
High linearity (0.2% of full scale)
Frequency response down to dc
Low noise
Low power consumption
Tight sensitivity tolerance and 0 g offset capability
Largest available prefilter clipping headroom
400 Hz, 2-pole Bessel filter
Single-supply operation
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Vibration monitoring and control
Vehicle collision sensing
Shock detection
GENERAL DESCRIPTION
The ADXL278 is a low power, complete, dual-axis
accelerometer with signal conditioned voltage outputs that are
on a single monolithic IC. This product measures acceleration
with a full-scale range of (X-axis/Y-axis) ±35 g/±35 g, ±50 g/
±50 g, or ±70 g/±35 g (minimum). The ADXL278 can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL278 is the fourth-generation surface micromachined
iMEMS® accelerometer from ADI with enhanced performance
and lower cost. Designed for use in front and side impact airbag
applications, this product also provides a complete cost-
effective solution useful for a wide variety of other applications.
The ADXL278 is temperature stable and accurate over the
automotive temperature range, with a self-test feature that fully
exercises all the mechanical and electrical elements of the sensor
with a digital signal applied to a single pin.
The ADXL278 is available in a 5 mm × 5 mm × 2 mm,
8-terminal ceramic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL278
VDD
VS
VDD2
VDD3
DIFFERENTIAL
SENSOR
EXC
DEMOD
AMP
YOUT
400Hz
BESSEL
FILTER
TIMING
GENERATOR
DIFFERENTIAL
SENSOR
EXC
DEMOD
AMP
XOUT
400Hz
BESSEL
FILTER
SELF-TEST
Figure 1.


Số phần tương tự - AD22284-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280 AD-AD22280 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22281 AD-AD22281 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
More results

Mô tả tương tự - AD22284-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
   Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com