công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9230-55A bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện BUK9230-55A
Giải thích chi tiết về linh kiện  TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9230-55A bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  BUK9230-55A Datasheet HTML 1Page - NXP Semiconductors BUK9230-55A Datasheet HTML 2Page - NXP Semiconductors BUK9230-55A Datasheet HTML 3Page - NXP Semiconductors BUK9230-55A Datasheet HTML 4Page - NXP Semiconductors BUK9230-55A Datasheet HTML 5Page - NXP Semiconductors BUK9230-55A Datasheet HTML 6Page - NXP Semiconductors BUK9230-55A Datasheet HTML 7Page - NXP Semiconductors BUK9230-55A Datasheet HTML 8Page - NXP Semiconductors BUK9230-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
BUK9230-55A
TrenchMOS™ logic level FET
Product specification
Rev. 03 — 30 January 2001
5 of 13
9397 750 07741
© Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C55
−−
V
Tj = −55 °C50
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
−−
V
Tj = −55 °C
−−
2.3
V
IDSS
drain-source leakage current
VDS = 55 V; VGS =0V
Tj =25 °C
0.05
10
µA
Tj = 175 °C
−−
500
µA
IGSS
gate-source leakage current
VGS = ±10 V; VDS =0V
2
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =15A;
Figure 7 and 8
Tj =25 °C
26
30
m
Tj = 175 °C
−−
60
m
VGS = 4.5 V; ID =15A
−−
33
m
VGS =10V; ID =15A
23
27
m
Dynamic characteristics
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
1294
1725
pF
Coss
output capacitance
210
252
pF
Crss
reverse transfer capacitance
142
195
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =5V; RG =10 Ω;
14
ns
tr
rise time
125
ns
td(off)
turn-off delay time
64
ns
tf
fall time
68
ns
Ld
internal drain inductance
measured from drain lead
from package to centre of
die
2.5
nH
Ls
internal source inductance
measured from source lead
from package to source
bond pad
7.5
nH


Số phần tương tự - BUK9230-55A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9230-55A PHILIPS-BUK9230-55A Datasheet
364Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-15 June 2010
logo
Inchange Semiconductor ...
BUK9230-55A ISC-BUK9230-55A Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9230-55A NEXPERIA-BUK9230-55A Datasheet
975Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 15 June 2010
logo
NXP Semiconductors
BUK9230-55A PHILIPS-BUK9230-55A_15 Datasheet
364Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-15 June 2010
More results

Mô tả tương tự - BUK9230-55A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com