công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7575-55A bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện BUK7575-55A
Giải thích chi tiết về linh kiện  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7575-55A bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  BUK7575-55A Datasheet HTML 1Page - NXP Semiconductors BUK7575-55A Datasheet HTML 2Page - NXP Semiconductors BUK7575-55A Datasheet HTML 3Page - NXP Semiconductors BUK7575-55A Datasheet HTML 4Page - NXP Semiconductors BUK7575-55A Datasheet HTML 5Page - NXP Semiconductors BUK7575-55A Datasheet HTML 6Page - NXP Semiconductors BUK7575-55A Datasheet HTML 7Page - NXP Semiconductors BUK7575-55A Datasheet HTML 8Page - NXP Semiconductors BUK7575-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
BUK7575-55A; BUK7675-55A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 8 December 2000
5 of 15
9397 750 07696
© Philips Electronics N.V. 2000. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C55
−−
V
Tj = −55 °C50
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C2
3
4
V
Tj = 175 °C1
−−
V
Tj = −55 °C
−−
4.4
V
IDSS
drain-source leakage current
VDS = 55 V; VGS =0V
Tj =25 °C
0.05
10
µA
Tj = 175 °C
−−
500
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0V
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =10A;
Figure 7 and 8
Tj =25 °C
64
75
m
Tj = 175 °C
−−
150
m
Dynamic characteristics
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
320
483
pF
Coss
output capacitance
92
113
pF
Crss
reverse transfer capacitance
64
90
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =10V; RG =10 Ω;
10
ns
tr
rise time
50
ns
td(off)
turn-off delay time
70
ns
tf
fall time
40
ns
Ld
internal drain inductance
from drain lead 6 mm from
package to centre of die
4.5
nH
from contact screw on
mounting base to centre of
die SOT78
3.5
nH
from upper edge of drain
mounting base to centre of
die SOT404
2.5
nH
Ls
internal source inductance
from source lead to source
bond pad
7.5
nH


Số phần tương tự - BUK7575-55A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
BUK7575-55A ISC-BUK7575-55A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7575-55A NEXPERIA-BUK7575-55A Datasheet
462Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 4 February 2011
logo
NXP Semiconductors
BUK7575-55A PHILIPS-BUK7575-55A_15 Datasheet
361Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-4 February 2011
More results

Mô tả tương tự - BUK7575-55A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com