công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5221PFBT bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS5221PFBT
Giải thích chi tiết về linh kiện  12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5221PFBT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS5221PFBT Datasheet HTML 1Page - Texas Instruments ADS5221PFBT Datasheet HTML 2Page - Texas Instruments ADS5221PFBT Datasheet HTML 3Page - Texas Instruments ADS5221PFBT Datasheet HTML 4Page - Texas Instruments ADS5221PFBT Datasheet HTML 5Page - Texas Instruments ADS5221PFBT Datasheet HTML 6Page - Texas Instruments ADS5221PFBT Datasheet HTML 7Page - Texas Instruments ADS5221PFBT Datasheet HTML 8Page - Texas Instruments ADS5221PFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADS5221
4
SBAS262A
www.ti.com
25
NC
No Internal Connection
26
NC
No Internal Connection
27
AGND
Analog Ground
28
AGND
Analog Ground
29
AGND
Analog Ground
30
VREF
Internal Reference Voltage
(1/2V Reference)
31
RSEL
Reference Mode Select (see Table I for
settings)
32
REFB
Bottom Reference Bypass
33
NC
No Internal Connection
34
REFT
Top Reference Bypass
35
NC
No Internal Connection
36
AVDD
Analog Supply
37
AVDD
Analog Supply
38
AGND
Analog Ground
39
AGND
Analog Ground
40
AGND
Analog Ground
41
I
IN
Analog Input
42
I
IN
Complementary Analog Input
43
AGND
Analog Ground
44
DGND
Digital Ground
45
DGND
Digital Ground
46
I
CLK
Convert Clock Input
47
I
DVDD
Digital Supply
48
I
DVDD
Digital Supply
PIN
I/O
NAME
DESCRIPTION
1
MSBI
Most Significant Bit Invert (HI = Binary Two’s
Complement, LO = Straight Offset Binary)
2
OE
Tri-State (LO = Enabled, HI = Tri-State)
3
Mode Select
Duty Cycle Adjust (HI = Enabled,
LO = Normal Operation)
4
STPD
Standard Power-Down (LO = Normal
Operation, HI = Enabled)
5
QPD
Quasi Power-Down (LO = Normal Operation,
HI = Enabled)
6
GDRV
Output Driver Ground
7
GDRV
Output Driver Ground
8
VDRV
Output Driver Supply
9
VDRV
Output Driver Supply
10
O
D11 (MSB)
Data Bit 12
11
O
D10
Data Bit 11
12
O
D9
Data Bit 10
13
O
D8
Data Bit 9
14
O
D7
Data Bit 8
15
O
D6
Data Bit 7
16
O
D5
Data Bit 6
17
O
D4
Data Bit 5
18
O
D3
Data Bit 4
19
O
D2
Data Bit 3
20
O
D1
Data Bit 2
21
O
D0 (LSB)
Data Bit 1
22
NC
No Internal Connection
23
NC
No Internal Connection
24
OVR
Over-Range Indicator
PIN ASSIGNMENTS
PIN
I/O
NAME
DESCRIPTION
36
35
34
33
32
31
30
29
28
27
26
25
AV
DD
NC
REFT
NC
REFB
RSEL
V
REF
AGND
AGND
AGND
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
MSBI
OE
Mode Select
STPD
QPD
GDRV
GDRV
VDRV
VDRV
D11 (MSB)
D10
D9
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS5221
PIN CONFIGURATION


Số phần tương tự - ADS5221PFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5220IPFBR BURR-BROWN-ADS5220IPFBR Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5220IRGZR BURR-BROWN-ADS5220IRGZR Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5220PFBR BURR-BROWN-ADS5220PFBR Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5220PFBT BURR-BROWN-ADS5220PFBT Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5221PFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com