công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD216A-B130R bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện CD216A-B130R
Giải thích chi tiết về linh kiện  Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD216A-B130R bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  CD216A-B130R Datasheet HTML 1Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 2Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 3Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 4Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 5Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 6Page - Bourns Electronic Solutions CD216A-B130R Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Symbol
CD216-
Unit
B120L
B120R
B130L
B140
Repetitive Peak Reverse Voltage
VRRM
20
20
30
40
V
DC Blocking Voltage
VDC
20
20
30
40
V
RMS Voltage
VRMS
14
14
21
28
V
Average Forward Current
IO
1A
@ TL = 130 °C
Peak Forward Surge Current**
IFSM
50
50
50
40
A
Max. Instantaneous Forward Voltage***
VF
V
@ IF = 0.1 A
0.34
0.455
0.30
0.36
@ IF = 1.0 A
0.45
0.53
0.38
0.55
@ IF = 2.0 A
0.595
@ IF = 3.0 A
0.65
0.52
0.85
Max. Instantaneous Reverse Current
IR
mA
@ VR = 40 V
0.50
@ VR = 30 V
0.41
@ VR = 20 V
0.4
0.0100
0.13
0.15
@ VR = 10 V
0.1
0.0010
0.05
@ VR = 5 V
0.0005
Thermal Resistance
Junction to Lead (Anode)
RθJL
35
°C/W
Junction to Tab (Cathode)
RθJTAB
20
°C/W
Junction to Ambient
RθJA
250
°C/W
Storage Temperature
TSTG
-55 to +125
°C
Junction Temperature
TJ
-55 to +150
°C
CD216A-B120L ~ B140 MITE Chip Diode
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free versions available
RoHS compliant (lead free version)*
Low profile
Surface mount
Very low forward voltage drop
Applications
Cellular phones
PDAs
Desktop PCs and notebooks
Digital cameras
MP3 players
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Schottky Rectifier Diodes for rectification applications in compact DO-216AA size chip package formats, which offer PCB real
estate savings and are considerably smaller than competitive parts. The Schottky Barrier Rectifier Diodes offer a forward current of 1 A with a
choice of repetitive peak reverse voltage of 20 V up to 40 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
Parameter
Symbol
CD216-
Unit
B120L
B120R
B130L
B140
Forward Voltage (Max.)
VF
0.45
0.53
0.38
0.55
V
(If = 1 A)
Typical Junction
CT
90
75
70
60
pF
Capacitance*
Reverse Current (Max.)
IR
400
10
410
500
µA
(at Rated VR)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
* Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
** Surge Current 8.3 ms single phase, half sine wave, 60 Hz (JEDEC Method).
*** Pulse Test; Pulse Width = 300 uS, Duty Cycle = 2 %.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Số phần tương tự - CD216A-B130R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD21.4501.151 SCHURTER-CD21.4501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Molex Electronics Ltd.
CD2115 MOLEX4-CD2115 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
CD2115 MOLEX4-CD2115 Datasheet
88Kb / 3P
   InsulKrimp??Star Ring Tongue Terminal
More results

Mô tả tương tự - CD216A-B130R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com