công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC885ZP80 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC885ZP80
Giải thích chi tiết về linh kiện  Hardware Specifications
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC885ZP80 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button KMPC885ZP80 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC885ZP80 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
9
Maximum Tolerated Ratings
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC885/880. Table 2
displays the maximum tolerated ratings, and Table 3 displays the operating temperatures.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for example, either GND or VDD).
Table 2. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1 The power supply of the device must start its ramp from 0.0 V.
VDDH
–0.3 to 4.0
V
VDDL
–0.3 to 2.0
V
VDDSYN
–0.3 to 2.0
V
Difference
between
VDDL and
VDDSYN
<100
mV
Input voltage 2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device. See Section 8, “Power Supply and Power
Sequencing.”
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to power
up and normal operation (that is, if the MPC885/880 is unpowered, a voltage greater than 2.5 V must not be applied
to its inputs).
Vin
GND – 0.3 to
VDDH
V
Storage temperature range
Tstg
–55 to +150
°C
Table 3. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
Tj(max)
100
°C


Số phần tương tự - KMPC885ZP80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC885ZP80 FREESCALE-KMPC885ZP80 Datasheet
1Mb / 92P
   Hardware Specifications
logo
NXP Semiconductors
KMPC885ZP80 NXP-KMPC885ZP80 Datasheet
1Mb / 87P
   MPC885/MPC880 PowerQUICC Hardware Specifications
Rev. 7, 07/2010
More results

Mô tả tương tự - KMPC885ZP80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com