công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4051B-Q1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4051B-Q1
Giải thích chi tiết về linh kiện  CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4051B-Q1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button CD4051B-Q1 Datasheet HTML 3Page - Texas Instruments CD4051B-Q1 Datasheet HTML 4Page - Texas Instruments CD4051B-Q1 Datasheet HTML 5Page - Texas Instruments CD4051B-Q1 Datasheet HTML 6Page - Texas Instruments CD4051B-Q1 Datasheet HTML 7Page - Texas Instruments CD4051B-Q1 Datasheet HTML 8Page - Texas Instruments CD4051B-Q1 Datasheet HTML 9Page - Texas Instruments CD4051B-Q1 Datasheet HTML 10Page - Texas Instruments CD4051B-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CD4051BQ1, CD4052BQ1, CD4053BQ1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC-LEVEL CONVERSION
SCHS354 − AUGUST 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VSUPPLY = ±5 V, AV = 1 V, RL = 100 Ω, unless otherwise noted
(see Note 2) (continued)
PARAMETER
TEST CONDITIONS
VEE
VDD
LIMITS AT INDICATED
TEMPERATURES
UNIT
PARAMETER
TEST CONDITIONS
VEE
(V)
VDD
(V)
−40
°C
125
°C
25
°C
UNIT
(V)
(V)
−40
°C
125
°C
MIN
TYP
MAX
Control (Address or Inhibit), VC
VIL = VDD through 1kΩ,
V
= V
through 1k ,
VSS
5
1.5
1.5
1.5
VIL
Input low voltage
VIL = VDD through 1k ,
VIH = VDD through 1kΩ,
RL = 1kΩ to VSS,
VSS
10
3
3
3
V
VIL
Input low voltage
RL = 1kΩ to VSS,
Iis < 2 µA on all OFF channels
VSS
15
4
4
4
V
VIL = VDD through 1kΩ,
V
= V
through 1k ,
VSS
5
3.5
3.5
3.5
VIH
Input high voltage
VIL = VDD through 1k ,
VIH = VDD through 1kΩ,
RL = 1kΩ to VSS,
VSS
10
7
7
7
V
VIH
Input high voltage
RL = 1kΩ to VSS,
Iis < 2 µA on all OFF channels
VSS
15
11
11
11
V
IIN
Input current
VIN = 0 V, 18 V
18
±0.1
±1
±10−5
±0.1
µA
Address-to-signal
tr, tf = 20 ns, CL = 50 pF,
0
5
450
720
tpd1
Address-to-signal
OUT (channels ON
tr, tf = 20 ns, CL = 50 pF,
RL = 10 kΩ, VSS = 0 V,
0
10
160
320
ns
tpd1
OUT (channels ON
or OFF) propagation
delay
RL = 10 kΩ, VSS = 0 V,
See Figure 10, Figure 11, and
Figure 14
0
15
120
240
ns
or OFF) propagation
delay
See Figure 10, Figure 11, and
Figure 14
−5
5
225
450
Inhibit-to-signal
t , t = 20 ns, C = 50 pF,
0
5
400
720
tpd2
Inhibit-to-signal
OUT (channel
tr, tf = 20 ns, CL = 50 pF,
RL = 1 kΩ, VSS = 0 V
0
10
160
320
ns
tpd2
OUT (channel
turning ON)
propagation delay
rf
L
RL = 1 kΩ, VSS = 0 V,
See Figure 11
0
15
120
240
ns
turning ON)
propagation delay
See Figure 11
−10
5
200
400
Inhibit-to-signal
t , t = 20 ns, C = 50 pF,
0
5
200
450
tpd3
Inhibit-to-signal
OUT (channel
tr, tf = 20 ns, CL = 50 pF,
RL = 10 kΩ, VSS = 0 V
0
10
90
210
ns
tpd3
OUT (channel
turning OFF)
propagation delay
rf
L
RL = 10 kΩ, VSS = 0 V,
See Figure 15
0
15
70
160
ns
turning OFF)
propagation delay
See Figure 15
−10
5
130
300
CIN
Input capacitance,
any address or
inhibit input
5
7.5
pF
NOTES:
2: Peak-to-peak voltage symmetrical about VDD − VEE
2
3: Determined by minimum feasible leakage measurement for automatic testing


Số phần tương tự - CD4051B-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4051B-Q1 TI1-CD4051B-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051B-Q1 TI1-CD4051B-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4051B-Q1-MIL TI1-CD4051B-Q1-MIL Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Mô tả tương tự - CD4051B-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com