công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5381BST-3-REEL bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5381BST-3-REEL
Giải thích chi tiết về linh kiện  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5381BST-3-REEL bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5381BST-3-REEL Datasheet HTML 2Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 3Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 4Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 5Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 6Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 7Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 8Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 9Page - Analog Devices AD5381BST-3-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD5381
Rev. A | Page 6 of 36
AD5381-3 SPECIFICATIONS
Table 4. AVDD = 2.7 V to 3.6 V; DVDD = 2.7 V to 5.5 V, AGND = DGND = 0 V; External REFIN = 1.25 V;
all specifications TMIN to TMAX, unless otherwise noted
Parameter
AD5381-31
Unit
Test Conditions/Comments
ACCURACY
Output unloaded
Resolution
12
Bits
Relative Accuracy2 (INL)
±1
LSB max
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic over temperature
Zero-Scale Error
±4
mV max
Offset Error
±4
mV max
Measured at Code 64 in the linear region
Offset Error TC
±5
µV/°C typ
Gain Error
±0.024
% FSR max
At 25 °C
±0.06
% FSR max
TMIN to TMAX
Gain Temperature Coefficient3
2
ppm FSR/°C typ
DC Crosstalk3
0.5
LSB max
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
1.25
V
±1% for specified performance
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±10
µA max
Typically ±30 nA
Reference Range
1 to AVDD/2
V min/max
Reference Output4
Enabled via CR8 in the AD5381 control register.
CR10 selects the reference voltage.
Output Voltage
1.247/1.253
V min/max
At ambient. Optimized for 1.25 V operation. CR10 = 0.
2.43/2.57
V min/max
CR10 = 1
Reference TC
±10
ppm/°C max
Temperature Range: +25°C to +85°C
±15
ppm/°C max
Temperature Range: –40°C to +85°C
OUTPUT CHARACTERISTICS3
Output Voltage Range2
0/AVDD
V min/max
Short-Circuit Current
40
mA max
Load Current
±1
mA max
Capacitive Load Stability
RL = ∞
200
pF max
RL = 5 kΩ
1000
pF max
DC Output Impedance
0.5
Ω max
MONITOR PIN
Output Impedance
500
Ω typ
Three-State Leakage Current
100
nA typ
LOGIC INPUTS (EXCEPT SDA/SCL)3
DVDD = 2.7 V to 3.6 V
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±10
µA max
Total for all pins. TA = TMIN to TMAX.
Pin Capacitance
10
pF max
LOGIC INPUTS (SDA, SCL ONLY)
VIH, Input High Voltage
0.7 DVDD
V min
SMBus compatible at DVDD< 3.6 V
VIL, Input Low Voltage
0.3 DVDD
V max
SMBus compatible at DVDD< 3.6 V
IIN, Input Leakage Current
±1
µA max
VHYST, Input Hysteresis
0.05 DVDD
V min
CIN, Input Capacitance
8
pF typ
Glitch Rejection
50
ns max
Input filtering suppresses noise spikes of less than 50 ns


Số phần tương tự - AD5381BST-3-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5381BST-3 AD-AD5381BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381BST-3 AD-AD5381BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Mô tả tương tự - AD5381BST-3-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com