công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL320GT70 bảng dữ liệu(PDF) 3 Page - SPANSION |
|
AM29DL320GT70 bảng dữ liệu(HTML) 3 Page - SPANSION |
3 / 58 page Publication# 25769 Rev: C Amendment/ 2 Issue Date: September 27, 2004 Refer to AMD’s Website (www.amd.com) for the latest information. Am29DL320G 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory DISTINCTIVE CHARACTERISTICS ARCHITECTURAL ADVANTAGES ■ Simultaneous Read/Write operations — Data can be continuously read from one bank while executing erase/program functions in another bank — Zero latency between read and write operations ■ Flexible BankTM architecture — Read may occur in any of the three banks not being written or erased. — Four banks may be grouped by customer to achieve desired bank divisions. ■ 256-byte SecSi™ (Secured Silicon) Sector — Factory locked and identifiable: 16 bytes available for secure, random factory Electronic Serial Number; verifiable as factory locked through autoselect function. ExpressFlash option allows entire sector to be available for factory-secured data — Customer lockable: One time programmable. Once locked, data cannot be changed. ■ Zero Power Operation — Sophisticated power management circuits reduce power consumed during inactive periods to nearly zero ■ Package options — 63-ball FBGA — 48-ball FBGA — 48-pin TSOP — 64-ball Fortified BGA ■ Top or bottom boot blocks ■ Manufactured on 0.17 µm process technology ■ Compatible with JEDEC standards — Pinout and software compatible with single-power-supply flash standard PERFORMANCE CHARACTERISTICS ■ High performance — Access time as fast 70 ns — Program time: 4 µs/word typical utilizing Accelerate function ■ Ultra low power consumption (typical values) — 2 mA active read current at 1 MHz — 10 mA active read current at 5 MHz — 200 nA in standby or automatic sleep mode ■ Minimum 1 million write cycles guaranteed per sector ■ 20 year data retention at 125°C — Reliable operation for the life of the system SOFTWARE FEATURES ■ Data Management Software (DMS) — AMD-supplied software manages data programming, enabling EEPROM emulation — Eases historical sector erase flash limitations ■ Supports Common Flash Memory Interface (CFI) ■ Erase Suspend/Erase Resume — Suspends erase operations to allow reading from other sectors in the same bank ■ Data# Polling and Toggle Bits — Provides a software method of detecting the status of program or erase cycles ■ Unlock Bypass Program command — Reduces overall programming time when issuing multiple program command sequences HARDWARE FEATURES ■ Any combination of sectors can be erased ■ Ready/Busy# output (RY/BY#) — Hardware method for detecting program or erase cycle completion ■ Hardware reset pin (RESET#) — Hardware method of resetting the internal state machine to the read mode ■ WP#/ACC input pin — Write protect (WP#) function allows protection of two outermost boot sectors, regardless of sector protect status — Acceleration (ACC) function accelerates program timing ■ Sector protection — Hardware method of locking a sector, either in-system or using programming equipment, to prevent any program or erase operation within that sector — Temporary Sector Unprotect allows changing data in protected sectors in-system For new designs involving TSOP packages, S29JL032H supersedes Am29DL320G and is the factory-recom- mended migration path. Please refer to the S29JL032H Datasheet for specifications and ordering information. For new designs involving Fine-pitch BGA (FBGA) packages, S29PL032J supersedes Am29DL320G and is the factory-recommended migration path. Please refer to the S29PL032J Datasheet for specifications and ordering information. |
Số phần tương tự - AM29DL320GT70 |
|
Mô tả tương tự - AM29DL320GT70 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |