công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL320GT70WDI bảng dữ liệu(PDF) 4 Page - SPANSION

tên linh kiện AM29DL320GT70WDI
Giải thích chi tiết về linh kiện  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GT70WDI bảng dữ liệu(HTML) 4 Page - SPANSION

  AM29DL320GT70WDI Datasheet HTML 1Page - SPANSION AM29DL320GT70WDI Datasheet HTML 2Page - SPANSION AM29DL320GT70WDI Datasheet HTML 3Page - SPANSION AM29DL320GT70WDI Datasheet HTML 4Page - SPANSION AM29DL320GT70WDI Datasheet HTML 5Page - SPANSION AM29DL320GT70WDI Datasheet HTML 6Page - SPANSION AM29DL320GT70WDI Datasheet HTML 7Page - SPANSION AM29DL320GT70WDI Datasheet HTML 8Page - SPANSION AM29DL320GT70WDI Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
2
Am29DL320G
September 27, 2004
GENERAL DESCRIPTION
The Am29DL320G is a 32 megabit, 3.0 volt-only flash
memory device, organized as 2,097,152 words of 16
bits each or 4,194,304 bytes of 8 bits each. Word
mode data appears on DQ15–DQ0; byte mode data
appears on DQ7–DQ0. The device is designed to be
programmed in-system with the standard 3.0 volt V
CC
supply, and can also be programmed in standard
EPROM programmers.
The device is available with an access time of 70, 90,
or 120 ns. The devices are offered in 48-pin TSOP,
48-ball or 63-ball FBGA packages, and 64-ball Forti-
fied BGA. Standard control pins—chip enable (CE#),
write enable (WE#), and output enable (OE#)—control
normal read and write operations, and avoid bus con-
tention issues.
The device requires only a single 3.0 volt power sup-
ply for both read and write functions. Internally gener-
ated and regulated voltages are provided for the
program and erase operations.
Simultaneous Read/Write Operations with
Zero Latency
The Simultaneous Read/Write architecture provides
simultaneous operation by dividing the memory
space into four banks, two 4 Mb banks with small and
large sectors, and two 12 Mb banks of large sectors.
Sector addresses are fixed, system software can be
used to form user-defined bank groups.
During an Erase/Program operation, any of the three
non-busy banks may be read from. Note that only two
banks can operate simultaneously. The device allows
a host system to program or erase in one bank, then
immediately and simultaneously read from the other
bank, with zero latency. This releases the system from
waiting for the completion of program or erase
operations.
The Am29DL320G can be organized as either a top or
bottom boot sector configuration.
Am29DL320G Features
The SecSiTM (Secured Silicon) Sector is an 256 byte
extra sector capable of being permanently locked by
AMD or customers. The SecSi Indicator Bit (DQ7) is
permanently set to a 1 if the part is factory locked,
and set to a 0 if customer lockable. This way, cus-
tomer lockable parts can never be used to replace a
factory locked part. Note that some previous AMD
32 Mbit Am29DL32x devices had a larger SecSi
Sector. Factory locked parts provide several options.
The SecSi Sector may store a secure, random 16 byte
ESN (Electronic Serial Number), customer code (pro-
grammed through AMD’s ExpressFlash service), or
both.
DMS (Data Management Software) allows systems
to remove EEPROM devices. by simplifying system
software: DMS performs all functions necessary to
modify data in file structures, instead of using sin-
gle-byte modifications. To write or update a particular
piece of data (a phone number or configuration data,
for example), the user only needs to state which piece
of data is to be updated, and where the updated data
is located in the system. This is an advantage com-
pared to systems where user-written software must
keep track of the old data location, status, logical to
physical translation of the data onto the Flash memory
device (or memory devices), and more. Using DMS,
user-written software does not need to interface with
the Flash memory directly. Instead, the user's software
accesses the Flash memory by calling one of only six
functions. AMD provides this software to simplify sys-
tem design and software integration efforts.
The device offers complete compatibility with the
JEDEC single-power-supply Flash command set
standard. Commands are written to the command
register using standard microprocessor write timings.
Reading data out of the device is similar to reading
from other Flash or EPROM devices.
The host system can detect whether a program or
erase operation is complete by using the device sta-
tus bits: RY/BY# pin, DQ7 (Data# Polling) and
DQ6/DQ2 (toggle bits). After a program or erase cycle
has been completed, the device automatically returns
to the read mode.
The sector erase architecture allows memory sec-
tors to be erased and reprogrammed without affecting
the data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of the sectors of mem-
ory. This can be achieved in-system or via program-
ming equipment.
The device offers two power-saving features. When
addresses have been stable for a specified amount of
time, the device enters the automatic sleep mode.
Th e system ca n a lso pla ce th e d evice in to th e
standby mode. Power consumption is greatly re-
duced in both modes.
Bank
Megabits
Sector Sizes
Bank 1
4 Mb
Eight 8 Kbyte/4 Kword,
Seven 64 Kbyte/32 Kword
Bank 2
12 Mb
Twenty-four 64 Kbyte/32 Kword
Bank 3
12 Mb
Twenty-four 64 Kbyte/32 Kword
Bank 4
4 Mb
Eight 64 Kbyte/32 Kword


Số phần tương tự - AM29DL320GT70WDI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29DL320GT70WDI AMD-AM29DL320GT70WDI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL320GT70WDIN AMD-AM29DL320GT70WDIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Mô tả tương tự - AM29DL320GT70WDI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Texas Instruments
NE555 TI-NE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com