công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4001BF bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4001BF
Giải thích chi tiết về linh kiện  CMOS NOR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4001BF bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CD4001BF Datasheet HTML 2Page - Texas Instruments CD4001BF Datasheet HTML 3Page - Texas Instruments CD4001BF Datasheet HTML 4Page - Texas Instruments CD4001BF Datasheet HTML 5Page - Texas Instruments CD4001BF Datasheet HTML 6Page - Texas Instruments CD4001BF Datasheet HTML 7Page - Texas Instruments CD4001BF Datasheet HTML 8Page - Texas Instruments CD4001BF Datasheet HTML 9Page - Texas Instruments CD4001BF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4025BPWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
JM38510/05252BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/05254BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 2


Số phần tương tự - CD4001BF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4001BF TI-CD4001BF Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BF TI1-CD4001BF Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3A TI-CD4001BF3A Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3A TI1-CD4001BF3A Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3AS2534 TI-CD4001BF3AS2534 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
More results

Mô tả tương tự - CD4001BF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B_15 Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com