công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MNLM193A-X bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện MNLM193A-X
Giải thích chi tiết về linh kiện  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM193A-X bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  MNLM193A-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 4Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 5Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 6Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 7Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 8Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MNLM193A-X REV 1B3
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
V+ = 5V, Vcm = 0
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Icc
Supply Current
Rl = Infinity
1.0
mA
1, 2,
3
V+ = 36V, Rl = Infinity
2.5
mA
1, 2,
3
Icex
Output Leakage
Current
V+ = 30V, Vin+ = 1V, Vo = 30, Vin- = 0
-0.65
0.65
uA
1
-1.0
1.0
uA
2, 3
Isink
Output Sink
Current
Vo = 1.5V, Vin- = 1V, Vin+ = 0
6.0
mA
1
4.0
mA
2, 3
Vsat
Output Saturation
Voltage
Isink = 4mA, Vin- = 1V, Vin+ = 0
0.4
V
1
0.7
V
2, 3
Vio
Input Offset
Voltage
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
V+ = 30V, Vcm = 0
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
V+ = 30V, Vcm = 28.5V
-2.0
2.0
mV
1
V+ = 30V, Vcm = 28.0V
-4.0
4.0
mV
2, 3
Iib+
Input Bias
Current
Vout = 1.5V
-100
-1
nA
1
-300
-1
nA
2, 3
Iib-
Input Bias
Current
Vout = 1.5V
-100
-1
nA
1
-300
-1
nA
2, 3
Iio
Input offset
Current
Rs = 50 Ohms, Vout = 1.5V
-25
25
nA
1
-100
100
nA
2, 3
Vcm
Common Mode
Voltage
V+ = 30V
1
28.5
V
1
1
28
V
2, 3
PSRR
Power Supply
Rejection Ratio
V+ = 5V to 30V, Rs = 50 Ohms
60
dB
1
CMRR
Common Mode
Rejection Ratio
V+ = 30V, Vcm = 0V to 28.5V,
Rs = 50 Ohms
60
dB
1
Vdiff
Differential
Input Voltage
V+ = 30V, +Vin = 36V, -Vin = 0V
4
500
nA
1, 2,
3
V+ = 30V, +Vin = 0V, -Vin = +36V
4
500
nA
1, 2,
3
Avs
Voltage Gain
V+ = 15V, 1V <= Vout <= 11V,
RPULLUP = 15K
2
50
V/mV
4
2
25
V/mV
5, 6
5


Số phần tương tự - MNLM193A-X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
MNLM129A-X NSC-MNLM129A-X Datasheet
14Kb / 4P
   PRECISION REFERENCE
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X NSC-MNLM136A-2.5-X Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X-RH NSC-MNLM136A-2.5-X-RH Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
More results

Mô tả tương tự - MNLM193A-X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com