công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8803 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
DAC8803 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 30 page www.ti.com FEATURES DESCRIPTION APPLICATIONS 16 DAC D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 A0 A1 EN A B C D 2:4 Decode SDO SDI CS CLK DGND RS MSB LDAC VSS AGNDF AGNDD IOUTD RFBD AGNDC IOUTC RFBC AGNDB IOUTC RFBB AGNDA IOUTA RFBA A B C D VREF Input Register R Input Register R Input Register R Input Register R Power-on Reset DAC A Register R DAC B Register R DAC C Register R DAC D Register R DAC A DAC B DAC C DAC D DAC8803 SBAS340A – JANUARY 2005 – REVISED APRIL 2005 Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter • Relative Accuracy: 1 LSB Max The DAC8803 is a quad, 14-bit, current-output digi- tal-to-analog converter (DAC) designed to operate • Differential Nonlinearity: 1 LSB Max from a single 2.7 V to 5-V supply. • 2-mA Full-Scale Current ±20%, With VREF = ±10 V The applied external reference input voltage VREF • 0.5-µs Settling Time determines the full-scale output current. An internal feedback resistor (RFB) provides temperature tracking • Midscale or Zero-Scale Reset for the full-scale output when combined with an • Four Separate 4-Quadrant Multiplying external I-to-V precision amplifier. Reference Inputs A doubled buffered serial data interface offers • Reference Bandwidth: 10 MHz high-speed, 3-wire, SPI and microcontroller compat- • Reference Dynamics: -105 dB THD ible inputs using serial data in (SDI), clock (CLK), and • 50-MHz SPI™-Compatible 3-Wire Interface a chip select (CS). In addition, a serial data out pin • Double Buffered Registers Enable (SDO) allows for daisy chaining when multiple pack- ages are used. A common level-sensitive load DAC • Simultaneous Multichannel Update strobe (LDAC) input allows simultaneous update of all • Internal Power On Reset DAC outputs from previously loaded input registers. • Compact SSOP-28 Package Additionally, an internal power on reset forces the output voltage to zero at system turn on. An MSB pin • Industry-Standard Pin Configuration allows system reset assertion (RS) to force all regis- ters to zero code when MSB = 0, or to half-scale code when MSB = 1. • Automatic Test Equipment The DAC8803 is packaged in a SSOP package. • Instrumentation • Digitally Controlled Calibration Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SPI is a trademark of Motorola, Inc. All trademarks are the property of their respective owners. PRODUCT PREVIEW information concerns products in the forma- Copyright © 2005, Texas Instruments Incorporated tive or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Số phần tương tự - DAC8803 |
|
Mô tả tương tự - DAC8803 |