công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC28U064NDFB-0QC00 bảng dữ liệu(PDF) 9 Page - Samsung semiconductor

tên linh kiện MC28U064NDFB-0QC00
Giải thích chi tiết về linh kiện  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC28U064NDFB-0QC00 bảng dữ liệu(HTML) 9 Page - Samsung semiconductor

Back Button MC28U064NDFB-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 12Page - Samsung semiconductor MC28U064NDFB-0QC00 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
MultiMediaCard
TM
9
2.6.5 Memory Array Partitioning
Although the MultiMediaCard memory space is byte addressable with addresses ranging from 0 to the
last byte, it is not a simple byte array but divided into several structures. Memory bytes are grouped
into 512 byte blocks called sectors. Every block can be read, written individually.
Erase group is a number of sectors. Its size is the number of consecutive sectors. Any combination of
erase groups can be erased in a single erase command. A write command implicitly erases the
memory before writing new data into it. Explicit erase command can be used for pre-erasing of memory
to speed up the next write operation.
Write Protect Groups (WPG) is the minimal units that may have individual write protection. Its size is
the number of erase units that will be write protected by on bit. The write/erase access to each WPG
can be limited individually. The number of various memory structures, for the different MultiMediaCards
are summarized in Table 2-1
Table 2-1 Memory Array Structure
Bytes
32MB
64MB
128MB
256MB
512MB
1GB
Sectors
62,720
125,440
250,880
501,760
1,003,520
2,007,040
Erase
Group
1,960
3,920
980
1,960
3,920
7,840
WPG
490
980
245
490
980
1,960
Read and Write Operations
The MultiMediaCard supports two read/write modes.
Single Block Mode
In this mode the host reads or writes one data block in a pre-specified length block transmission is
protected with 16 bit CRC which is generated by the sending unit and checked by the receiving unit.
Misalignment is not allowed. Every data block must be contained in a single memory sector. The block
length for write operations must be identical to the sector size and the start address aligned to a sector
boundary.
Multiple Block Mode
This mode is similar to the single block mode, but the host can read/write multiple data blocks (all have
the same length) which will be stored or retrieved from contiguous memory addresses starting at the
address specified in the command.
The operation is terminated with a stop transmission command. Misalignment and block length
restrictions apply to multiple blocks as well and are identical to the single block read/write operations.
Multiple block read with pre-defined block is supported.
2.6.6 Data Transfer Rate
The average data transfer rate for the MultiMediaCard is 1 Mbyte/sec for read and 300 Kbyte/Sec for
write (erase time is included) at 3.3 Volts. In block mode, where time gaps can be inserted between
data blocks, the maximum clock frequency is 20MHz. The typical access time (latency) for each data
block, in read operation, is 1.5ms. The write block operation is done in handshake mode. The card will
keep data line DAT low as long as the write operation is in progress and there are no write buffers
available


Số phần tương tự - MC28U064NDFB-0QC00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Mô tả tương tự - MC28U064NDFB-0QC00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com