công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV0974E bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
STV0974E bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 69 page November 2004 1/69 Rev. 3 STV0974 Features ■ Supports VS6552 - 640 x 480 (VGA) color CMOS image sensor ■ Supports VisionLink low EMI link to image sensor ■ Specialized video processor for noise/defect filtering, color reconstruction, sharpness enhancement and radial corrections ■ Programmable gamma correction for LCD support ■ Programmable cropping, down-sizing by 1.5, 2, 2.5, 3, 4, 5 and 6, MMS (Multi Media Messaging Service) digital zoom ■ JPEG compression, with programmable target file size ■ M-JPEG operation at up to 30 frame/s at VGA resolution ■ Programmable pixel output format including ITU-R 656 modes, RGB viewfinder modes and JPEG baseline ■ Flashgun control ■ Flexible host interface: ● 8-bit data /Hsync /Vsync video output interface and I²C camera control interface ● 8-bit microprocessor interface with 2 Kbyte video FIFO for JPEG data, 10 Kbyte for non- JPEG data, interrupt and DMA requests ■ Multi-mode exposure control and color balance ■ 30 µW ultra low-power standby ■ 6 x 6 mm TFBGA low-footprint & lead-free package Description The STV0974 is a low power digital image processor designed for the VS6552 color VGA image sensor. The STV0974 uses advanced image processing techniques to deliver high quality VGA images at up to 30 frames per second (frame/s). The sensor data received via the low EMI sensor interface is processed in real time: this includes pixel defect correction, color interpolation, image sharpness enhancement, selective noise filtering, cropping and scaling, allowing digital zoom for ViewFinder or MMS applications. Finally the image can be JPEG-compressed in real-time. The STV0974 also performs sensor housekeeping functions such as automatic exposure and white balance controls. Applications ■ Mobile phone embedded camera system ■ PDA embedded camera or accessory camera ■ Wireless security camera Technical Specifications Ordering Information Sensor 640 x 480 color CMOS (VS6552) Frame rate (frame/s) up to 30 Power supply 1.8 +/- 0.1 V Power requirements 110 mW active < 30 µW standby Package dimensions 6 mm x 6 mm x 1.2 mm Temperature range [-25; +70 ] °C Ordering code Package STV0974/TR TFBGA SnPb balls STV0974E/TR TFBGA AFOP lead-free balls Mobile Imaging DSP |
Số phần tương tự - STV0974E |
|
Mô tả tương tự - STV0974E |