công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX384-C27 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
BZX384-C27 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
6 / 11 page This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Table 2 Per type BZX384-B/C27 to B/C75 Tj =25 °C unless otherwise specified. BZX- Bxxx Cxxx WORKING VOLTAGE VZ (V) at IZtest =2mA DIFFERENTIAL RESISTANCE rdif (Ω) TEMPERATURE COEFFICIENT SZ (mV/K) at IZtest =2mA (see Figs 4 and 5) DIODE CAP. Cd (pF) at f = 1 MHz; VR =0V NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 µs; Tamb =25˚C Tol. ±2% (B) Tol. ±5% (C) at IZtest = 0.5 mA at IZtest =2mA MIN. MAX. MIN. MAX. TYP. MAX. TYP. MAX. MIN. TYP. MAX. MAX. MAX. 27 26.50 27.50 25.1 28.9 65 300 25 80 21.4 23.4 25.3 50 1.0 30 29.40 30.60 28.0 32.0 70 300 30 80 24.4 26.6 29.4 50 1.0 33 32.30 33.70 31.0 35.0 75 325 35 80 27.4 29.7 33.4 45 0.9 36 35.30 36.70 34.0 38.0 80 350 35 90 30.4 33.0 37.4 45 0.8 39 38.20 39.80 37.0 41.0 80 350 40 130 33.4 36.4 41.2 45 0.7 43 42.10 43.90 40.0 46.0 85 375 45 150 37.6 41.2 46.6 40 0.6 47 46.10 47.90 44.0 50.0 85 375 50 170 42.0 46.1 51.8 40 0.5 51 50.00 52.00 48.0 54.0 90 400 60 180 46.6 51.0 57.2 40 0.4 56 54.90 57.10 52.0 60.0 100 425 70 200 52.2 57.0 63.8 40 0.3 62 60.80 63.20 58.0 66.0 120 450 80 215 58.8 64.4 71.6 35 0.3 68 66.60 69.40 64.0 72.0 150 475 90 240 65.6 71.7 79.8 35 0.25 75 73.50 76.50 70.0 79.0 170 500 95 255 73.4 80.2 88.6 35 0.2 |
Số phần tương tự - BZX384-C27 |
|
Mô tả tương tự - BZX384-C27 |