công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11946 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LB11946
Giải thích chi tiết về linh kiện  PWM Current Control Stepping Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11946 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LB11946 Datasheet HTML 1Page - Sanyo Semicon Device LB11946 Datasheet HTML 2Page - Sanyo Semicon Device LB11946 Datasheet HTML 3Page - Sanyo Semicon Device LB11946 Datasheet HTML 4Page - Sanyo Semicon Device LB11946 Datasheet HTML 5Page - Sanyo Semicon Device LB11946 Datasheet HTML 6Page - Sanyo Semicon Device LB11946 Datasheet HTML 7Page - Sanyo Semicon Device LB11946 Datasheet HTML 8Page - Sanyo Semicon Device LB11946 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N2206 / 73004TN(OT) No.7946-1/12
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LB11946
Overview
The LB11946 is a stepping motor driver IC that implements PWM current control bipolar drive with a fixed off time.
This IC features 15 current setting levels using a fixed VREF voltage and support for microstepping drive from 1-2
phase excitation drive to 4W1-2 phase excitation drive. This device is optimal for driving stepping motors such as
those used for carriage drive and paper feed in printers.
Features
• PWM current control (with a fixed off time)
• Logic input serial-parallel converter (allows 1-2, W1-2, 2W1-2, and 4W1-2 phase excitation drive)
• Current attenuation switching function (with slow decay, fast decay, and mixed decay modes)
• Built-in upper and lower side diodes
• Simultaneous on state prevention function (through current prevention)
• Noise canceller function
• Thermal shutdown circuit
• Shutoff on low logic system voltage circuit
• Low-power mode control pin
Specifications
Absolute Maximum Ratings at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
50
V
Peak output current
IO peak
tw
≤ 20 µS
1.2
A
Continuous output current
IO max
1.0
A
Logic system supply voltage
VCC
7.0
V
Logic input voltage range
VIN
−0.3 to VCC
V
VE
VCC = 5 V specifications
1.0
V
Emitter output voltage
VE
VCC = 3.3 V specifications
0.5
V
Allowable power dissipation (IC internal)
Pdmax
Ta
= 25°C, independent IC
3.0
W
Operating temperature
Topr
−20 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
Ordering number : ENN7946
Monolithic Digital IC
PWM Current Control Stepping
Motor Driver


Số phần tương tự - LB11946

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_10 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
More results

Mô tả tương tự - LB11946

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com