công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MVTX2601 bảng dữ liệu(PDF) 10 Page - Zarlink Semiconductor Inc

tên linh kiện MVTX2601
Giải thích chi tiết về linh kiện  Unmanaged 24-Port 10/100 Mbps Ethernet Switch
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX2601 bảng dữ liệu(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MVTX2601 Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 13Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
MVTX2601
Data Sheet
10
Zarlink Semiconductor Inc.
2.0
System Configuration
2.1
Configuration Mode
The MVTX2601 can be configured by EEPROM (24C02 or compatible) via an I2C interface at boot time or via a
synchronous serial interface during operation.
2.2
I2C Interface
The I2C interface uses two bus lines, a serial data line (SDA) and a serial clock line (SCL). The SCL line carries the
control signals that facilitate the transfer of information from EEPROM to the switch. Data transfer is 8-bit serial and
bidirectional, at 50 Kbps. Data transfer is performed between master and slave IC using a request /
acknowledgment style of protocol. The master IC generates the timing signals and terminates data transfer.
Figure 2 depicts the data transfer format.
Figure 2 - Data Transfer Format for I2C Interface
2.2.1
Start Condition
Generated by the master (in our case, the MVTX2601). The bus is considered to be busy after the Start condition is
generated. The Start condition occurs if while the SCL line is High, there is a High-to-Low transition of the SDA line.
Other than in the Start condition (and Stop condition), the data on the SDA line must be stable during the High
period of SCL. The High or Low state of SDA can only change when SCL is Low. In addition, when the I2C bus is
free, both lines are High.
2.2.2
Address
The first byte after the Start condition determines which slave the master will select. The slave in our case is the
EEPROM. The first seven bits of the first data byte make up the slave address.
2.2.3
Data Direction
The eighth bit in the first byte after the Start condition determines the direction (R/W) of the message. A master
transmitter sets this bit to W; a master receiver sets this bit to R.
2.2.4
Acknowledgment
Like all clock pulses, the acknowledgment-related clock pulse is generated by the master. However, the transmitter
releases the SDA line (High) during the acknowledgment clock pulse. Furthermore, the receiver must pull down the
SDA line during the acknowledge pulse so that it remains stable Low during the High period of this clock pulse. An
acknowledgment pulse follows every byte transfer.
If a slave receiver does not acknowledge after any byte, then the master generates a Stop condition and aborts the
transfer.
If a master receiver does not acknowledge after any byte, then the slave transmitter must release the SDA line to let
the master generate the Stop condition.
2.2.5
Data
After the first byte containing the address, all bytes that follow are data bytes. Each byte must be followed by an
acknowledge bit. Data is transferred MSB first.
START
SLAVE ADDRESS
R/W
ACK
DATA 1 (8 bits)
ACK
DATA 2
ACK
DATA M
ACK
STOP


Số phần tương tự - MVTX2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2603AG ZARLINK-MVTX2603AG Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
More results

Mô tả tương tự - MVTX2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
   8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
logo
Zarlink Semiconductor I...
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com