công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MVTX2601 bảng dữ liệu(PDF) 9 Page - Zarlink Semiconductor Inc

tên linh kiện MVTX2601
Giải thích chi tiết về linh kiện  Unmanaged 24-Port 10/100 Mbps Ethernet Switch
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX2601 bảng dữ liệu(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MVTX2601 Datasheet HTML 5Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
MVTX2601
Data Sheet
9
Zarlink Semiconductor Inc.
1.0
Block Functionality
1.1
Frame Data Buffer (FDB) Interfaces
The FDB interface supports pipelined synchronous burst SRAM (SBRAM) memory at 100 MHz. To ensure a non-
blocking switch, one memory domain with a 64 bit wide memory bus is required. At 100 MHz, the aggregate
memory bandwidth is 6.4 Gbps, which is enough to support 24 10/100 Mbps.
The Switching Database is also located in the external SBRAM; it is used for storing MAC addresses and their
physical port number.
1.2
10/100 MAC Module (RMAC)
The 10/100 Media Access Control module provides the necessary buffers and control interface between the Frame
Engine (FE) and the external physical device (PHY). The MVTX2601 has two interfaces, RMII or Serial (only for
10 M). The 10/100 MAC of the MVTX2601 device meets the IEEE 802.3 specification. It is able to operate in either
Half or Full Duplex mode with a back pressure/flow control mechanism. In addition, it will automatically retransmit
upon collision for up to 16 total transmissions. The PHY addresses for 24 10/100 MAC are from 08h to 1Fh.
1.3
Configuration Interface Module
The MVTX2601 supports a serial and an I2C interface, which provides an easy way to configure the system. Once
configured, the resulting configuration can be stored in an I2C EEPROM.
1.4
Frame Engine
The main function of the frame engine is to forward a frame to its proper destination port or ports. When a frame
arrives, the frame engine parses the frame header (64 bytes) and formulates a switching request, sent to the
search engine to resolve the destination port. The arriving frame is moved to the FDB. After receiving a switch
response from the search engine, the frame engine performs transmission scheduling based on the frame’s priority.
The frame engine forwards the frame to the MAC module when the frame is ready to be sent.
1.5
Search Engine
The Search Engine resolves the frame’s destination port or ports according to the destination MAC address (L2). It
also performs MAC learning, priority assignment and trunking functions.
1.6
LED Interface
The LED interface provides a serial interface for carrying 24 port status signals.
1.7
Internal Memory
Several internal tables are required and are described as follows:
Frame Control Block (FCB) - Each FCB entry contains the control information of the associated frame
stored in the FDB, e.g., frame size, read/write pointer, transmission priority, etc.
MCT Link Table - The MCT Link Table stores the linked list of MCT entries that have collisions in the
external MAC Table. The external MAC table is located in the FDB Memory.
Note: the external MAC table is located in the external SBRAM Memory.


Số phần tương tự - MVTX2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2603AG ZARLINK-MVTX2603AG Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
More results

Mô tả tương tự - MVTX2601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
   8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
logo
Zarlink Semiconductor I...
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com