công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A5017DGVR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
TS3A5017DGVR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 20 page TS3A5017 14 W DUAL SP4T ANALOG SWITCH 3.3V/2.5V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER SCDS188 – JANUARY 2005 www.ti.com 2 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Tape and reel TS3A5017RGYR YA017 SOIC − D Tube TS3A5017D TS3A5017 SOIC − D Tape and reel TS3A5017DR TS3A5017 −40 °C to 85°C SSOP (QSOP) − DBQ Tape and reel TS3A5017DBQR YA017 −40 C to 85 C TSSOP − PW Tube TS3A5017PW YA017 TSSOP − PW Tape and reel TS3A5017PWR YA017 TVSOP − DGV Tape and reel TS3A5017DGVR YA017 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Absolute Minimum and Maximum Ratings(1)(2) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) −0.5 4.6 V VS, VD Analog voltage range(3)(4) −0.5 4.6 V IK Analog port diode current VS, VD < 0 −50 mA IS, ID On-state switch current VS, VD = 0 to 7 V −128 128 mA VI Digital input voltage range(3)(4) −0.5 4.6 V IIK Digital input clamp current VI < 0 −50 mA I+ Continuous current through V+ 100 mA IGND Continuous current through GND −100 mA (5) D package 73 θJA Package thermal impedance(5) DB package 82 °C/W θJA Package thermal impedance(5) DGV package 120 °C/W DW package 108 Tstg Storage temperature range −65 150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) The package thermal impedance is calculated in accordance with JESD 51-7. |
Số phần tương tự - TS3A5017DGVR |
|
Mô tả tương tự - TS3A5017DGVR |