công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A5017DBQR bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
TS3A5017DBQR bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 20 page TS3A5017 14 W DUAL SP4T ANALOG SWITCH 3.3V/2.5V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER SCDS188 – JANUARY 2005 Description The TS3A5017 is a dual single-pole quadruple-throw (4:1) analog switch that is designed to operate from 2.3 V to 3.6 V. This device can handle both digital and analog signals, and signals up to V+ can be transmitted in either direction. Applications D Sample-and-Hold Circuit D Battery-Powered Equipment D Audio and Video Signal Routing D Communication Circuits Logic Control 11 10 7 1S2 SOIC, SSOP, TSSOP, OR TVSOP PACKAGE (TOP VIEW) 1 2 3 4 5 16 15 14 13 12 1EN IN2 1S4 1S3 IN1 2EN V+ 2S4 2S3 6 1D 1S1 2S2 2S1 8 GND 9 2D Logic Control FUNCTION TABLE EN IN2 IN1 D TO S S TO D L L L D = S1 L L H D = S2 L H L D = S3 L H H D = S4 H X X OFF Features D Isolation in the Powered-Down Mode, V+ = 0 D Low ON-State Resistance (10 W) D Low Charge Injection D Excellent ON-State Resistance Matching D Low Total Harmonic Distortion (THD) D 2.3-V to 3.6-V Single-Supply Operation D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) Summary of Characteristics V+ = 3.3 V, TA = 25°C Configuration Dual Analog MUX/DEMUX (4:1 MUX/DEMUX) Number of channels 2 ON-state resistance (ron) 11 Ω ON-state resistance match ( ∆ron) 1 Ω ON-state resistance flatness (ron(flat)) 7 Ω Turn-on/turn-off time (tON/tOFF) 5 ns/1.5 ns Charge injection (QC) 5 pC Bandwidth (BW) 165 MHz OFF isolation (OISO) −48 dB at 10 MHz Crosstalk (XTALK) −49 dB at 10 MHz Total harmonic distortion (THD) 0.21% Leakage current (ID(OFF)/IS(OFF)) ±0.1 µA Power-supply current (I+) 2.5 µA Package option 16-pin SOIC, SSOP, TSSOP, or TVSOP Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright 2005, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TS3A5017DBQR |
|
Mô tả tương tự - TS3A5017DBQR |