công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5231BRU100 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD5231BRU100
Giải thích chi tiết về linh kiện  Nonvolatile Memory Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU100 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD5231BRU100 Datasheet HTML 1Page - Analog Devices AD5231BRU100 Datasheet HTML 2Page - Analog Devices AD5231BRU100 Datasheet HTML 3Page - Analog Devices AD5231BRU100 Datasheet HTML 4Page - Analog Devices AD5231BRU100 Datasheet HTML 5Page - Analog Devices AD5231BRU100 Datasheet HTML 6Page - Analog Devices AD5231BRU100 Datasheet HTML 7Page - Analog Devices AD5231BRU100 Datasheet HTML 8Page - Analog Devices AD5231BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PRELIMINARY TECHNICAL DATA
AD5231/AD5232/AD5233 - SPECIFICATIONS
REV PrF
2
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
ELECTRICAL CHARACTERISTICS 10K, 50K, 100K OHM VERSIONS (VDD = +3V±10% or +5V±10% and VSS=0V,
VA = +VDD, VB = 0V, -40°C < TA < +85°C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
1
Max
Units
DC CHARACTERISTICS RHEOSTAT MODE Specifications apply to all VRs
Resistor Differential Nonlinearity2
R-DNL
RWB, VA=NC
-1
±1/4
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA=NC
-1
±1/2
+1
%FS
Nominal resistor tolerance
∆R
TA = 25°C, VAB = VDD,Wiper (VW) = No connect
-30
30
%
Resistance Temperature Coefficent
RAB/∆T
VAB = VDD, Wiper (VW) = No Connect
500
ppm/°C
Wiper Resistance
RW
IW = 1 V/R, VDD = +5V
50
100
Wiper Resistance
RW
IW = 1 V/R, VDD = +3V
200
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE Specifications apply to all VRs
Resolution
N
AD5231/AD5232/AD5233
10 / 8 / 6
Bits
Integral Nonlinearity3
INL
–1
±1/2
+1
%FS
Differential Nonlinearity3
DNL
–1
±1/4
+1
LSB
Voltage Divider Temperature Coefficent
∆VW/∆T
Code = Half-scale
15
ppm/°C
Full-Scale Error
VWFSE
Code = Full-scale
–3
+0
%FS
Zero-Scale Error
VWZSE
Code = Zero-scale
0
+3
%FS
RESISTOR TERMINALS
Voltage Range4
VA,B,W
VSS
VDD
V
Capacitance5 Ax, Bx
CA,B
f = 1 MHz, measured to GND, Code = Half-scale
45
pF
Capacitance5 Wx
CW
f = 1 MHz, measured to GND, Code = Half-scale
60
pF
Common-mode Leakage Current6
ICM
VA = VB = VDD/2
0.01
1
µA
DIGITAL INPUTS & OUTPUTS
Input Logic High
VIH
with respect to GND, VDD = 5V
2.4
V
Input Logic Low
VIL
with respect to GND, VDD = 5V
0.8
V
Input Logic High
VIH
with respect to GND, VDD = 3V
2.1
V
Input Logic Low
VIL
with respect to GND, VDD = 3V
0.6
V
Output Logic High
VOH
RPULL-UP = 2.2K
Ω to +5V
4.9
V
Output Logic High
VOH
IOH = 40µA, VLOGIC = +5V
4
V
Output Logic Low
VOL
IOL = 1.6mA, VLOGIC = +5V
0.4
V
Input Current
IIL
VIN = 0V or VDD
±1
µA
Input Capacitance5
CIL
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
2
20
µA
Programming Mode Current
IDD(PG)
VIH = VDD or VIL = GND
35
mA
Read Mode Current13
IDD(READ)
VIH = VDD or VIL = GND
0.9
9
mA
Negative Supply Current
ISS
VIH = VDD or VIL = GND, VDD = 2.5V, VSS = -2.5V
10
µA
Power Dissipation7
PDISS
VIH = VDD or VIL = GND
0.1
mW
Power Supply Sensitivity
PSS
∆VDD = +5V ±10%
0.002
0.01
%/%
DYNAMIC CHARACTERISTICS5, 8
Bandwidth –3dB
BW_10K
R = 10K
600
KHz
Total Harmonic Distortion
THDW
VA =1Vrms, VB = 0V, f=1KHz
0.003
%
VW Settling Time
tS
VA= VDD, VB=0V, 50% of final value
For RAB = 10K/50K/100K
1 / 3 / 6
µs
Resistor Noise Voltage
eN_WB
RWB = 5KΩ, f = 1KHz
9
nV
√Hz
Crosstalk (CW1/CW2)
CT
VA = VDD, VB = 0V, Measure VW with adjacent
VR making full scale change
-65
dB
NOTES: See bottom of table next page.


Số phần tương tự - AD5231BRU100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100 AD-AD5231BRU100 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
More results

Mô tả tương tự - AD5231BRU100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com