công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3357DCURE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TS5A3357DCURE4
Giải thích chi tiết về linh kiện  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357DCURE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS5A3357DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 9Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 10Page - Texas Instruments TS5A3357DCURE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
7
Electrical Characteristics for 2.5 V Supply
(V+ = 2.3 V TO 2.7 V AND TA = −40 °C TO 85 °C) (UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
ANALOG SWITCH
Analog Signal Range
VCOM,VNO
0
V+
V
Peak On-Resistance
rpeak
0
≤ VNO ≤ V+, ICOM = −8 mA,
Switch ON,
see Figure 12
Full
2.3 V
50
VNO = 0 V, ICOM = 8 mA
25
°C
8
12
On-Resistance
ron
VNO = 0 V, ICOM = 8 mA
Switch ON,
Full
2.3 V
12
On-Resistance
ron
VNO = 2.3 V, ICOM = −8 mA
Switch ON,
see Figure 12
25
°C
2.3 V
11
30
VNO = 2.3 V, ICOM = −8 mA
Full
30
On-Resistance
match between
channels
∆ron
VNO = 1.6 V,
ICOM = −8 mA,
Switch ON,
see Figure 12
25
°C
2.3 V
0.3
On-Resistance
flatness
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −8 mA,
Switch ON,
see Figure 12
25
°C
2.5 V
39
NO Off-Leakage
INO(OFF)
VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
25
°C
2.7 V
−0.1
0.1
A
NO Off-Leakage
Current
INO(OFF)
VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
2.7 V
−1
1
µA
COM Off-Leakage
ICOM(OFF) VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
25
°C
2.7 V
−0.1
0.1
A
COM Off-Leakage
Current
ICOM(OFF) VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
2.7 V
−1
1
µA
NO On-Leakage
INO(ON)
VNO = 0 to V+, VCOM = Open,
Switch ON,
25
°C
2.7 V
−0.1
0.1
A
NO On-Leakage
Current
INO(ON)
VNO = 0 to V+, VCOM = Open,
Switch ON,
see Figure 13
Full
2.7 V
−1
1
µA
COM On-Leakage
ICOM(ON)
VNO = Open, VCOM = 0 to V+,
Switch ON,
25
°C
2.7 V
−0.1
0.1
A
COM On-Leakage
Current
ICOM(ON)
VNO = Open, VCOM = 0 to V+,
Switch ON,
see Figure 13
Full
2.7 V
−1
1
µA
DIGITAL INPUTS (IN1, IN2)(2)
Input Logic High
VIH
Full
0.75
× V+
5.5
V
Input Logic Low
VIL
Full
0
0.25
× V+
V
Input Leakage
IIH, IIL
VIN = 5.5 V or 0
25
°C
2.3 V
0.1
µA
Input Leakage
Current
IIH, IIL
VIN = 5.5 V or 0
Full
2.3 V
1
µA
(1) All typical values are at V+ = 2.5 V, TA = 25°C.
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Số phần tương tự - TS5A3357DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3357DCUR TI-TS5A3357DCUR Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357DCUR TI-TS5A3357DCUR Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357DCURG4 TI-TS5A3357DCURG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS5A3357DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com