công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3357DCTR bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
TS5A3357DCTR bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 22 page TS5A3357 SINGLE 5 W SP3T ANALOG SWITCH 5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER SCDS177 – OCTOBER 2004 www.ti.com 6 Electrical Characteristics for 3.3 V Supply (continued) (V+ = 3 V TO 3.6 V AND TA = −40 °C TO 85 °C) (UNLESS OTHERWISE NOTED) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP(1) MAX UNIT DYNAMIC Turn-On Time tON VNO = V+ or GND, CL = 50 pF, 25 °C 3 V to 3.6 V 2 9.5 ns Turn-On Time tON VNO = V+ or GND, RL = 500 Ω, CL = 50 pF, see Figure 15 Full 3 V to 3.6 V 2 11 ns Turn-Off Time tOFF VNO = V+ or GND, CL = 50 pF, 25 °C 3 V to 3.6 V 1.3 5.1 ns Turn-Off Time tOFF VNO = V+ or GND, RL = 500 Ω, CL = 50 pF, see Figure 15 Full 3 V to 3.6 V 1.5 5.5 ns Break-Before-Make Time tBBM VNO = V+, CL = 35 pF, 25 °C 3 V to 3.6 V 0.5 ns Break-Before-Make Time tBBM VNO = V+, RL = 500 Ω, CL = 35 pF, see Figure 16 Full 3 V to 3.6 V 0.5 ns Charge Injection QC CL = 0.1 nF, VGEN = 0 V, see Figure 20 25 °C 3.3 V 1.75 pC NO Off-Capacitance CNO(OFF) VNO = V+ or GND, Switch OFF, see Figure 14 25 °C 3.3 V 4.5 pF COM Off-Capacitance CCOM(OFF) VNO = V+ or GND, Switch OFF, see Figure 14 25 °C 3.3 V 10.5 pF NO On-Capacitance CNO(ON) VNO = V+ or GND, Switch ON, see Figure 14 25 °C 3.3V 17 pF COM On-Capacitance CCOM(ON) VCOM = V+ or GND, Switch ON, see Figure 14 25 °C 3.3 V 17 pF Digital Input Capacitance CIN VIN = V+ or GND, see Figure 14 25 °C 3.3 V 3 pF Bandwidth BW RL = 50 Ω, Switch ON, see Figure 17 25 °C 3 V to 3.6 V 327 MHz Off-Isolation OISO RL = 50 Ω, f = 10 MHz, Switch OFF, see Figure 18 25 °C 3 V to 3.6 V −82 dB Crosstalk XTALK RL = 50 Ω, f = 10 MHz, Switch ON, see Figure 19 25 °C 3 V to 3.6 V −62 dB SUPPLY Positive Supply I+ VIN = V+ or GND, Switch ON or OFF 25 °C 3.6 V 1 µA Positive Supply Current I+ VIN = V+ or GND, Switch ON or OFF Full 3.6 V 10 µA (1) All typical values are at V+ = 3.3 V, TA = 25°C. |
Số phần tương tự - TS5A3357DCTR |
|
Mô tả tương tự - TS5A3357DCTR |