công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD-700-LAC-GAB-XX.XXX bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện CD-700-LAC-GAB-XX.XXX
Giải thích chi tiết về linh kiện  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAC-GAB-XX.XXX bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CD-700-LAC-GAB-XX.XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 6 of 14
Rev : 06Jul05
VCXO and Absolute Pull Range (APR) Specification
The CD-700’s VCXO is a varactor tuned crystal oscillator, which produces an output frequency
proportional to the control voltage (pin 16). The frequency deviation of the CD-700 VCXO is specified in
terms of Absolute Pull Range (APR). APR provides the user with a guaranteed specification for minimum
available frequency deviation over all operating conditions. Operating conditions include power supply
variation, operating temperature range, and differences in output loading and changes due to aging.
A CD-700 VCXO with an APR of +/-50 ppm will track a +/-50 ppm reference source over all
operating conditions. The fourth character of the product code in Table 7 specifies absolute Pull
Range (APR). Please see Vectron’s web site (www.vectron.com) for the APR Application Note.
APR is tested at 0.5 and 4.5 volts for the 5.0 volt option and 0.3 and 3.0 volts for the 3.3 volt option.
VCXO Aging
Quartz oscillators typically exhibit a part per million shift in output frequency during aging. The major
factors, which lead to this shift, are changes in the mechanical stress on the crystal and mass-loading on
the crystal.
As the oscillator ages, relaxation of the crystal mounting stress or transfer of environmental stress
through the package to the crystal mounting arrangement can lead to frequency variations. VI has
minimized these two effects through the use of a miniature AT-cut strip resonator crystal which allows a
superior mounting arrangement. This results in minimal relaxation and almost negligible environmental
stress transfer.
VI has eliminated the impact of mass loading by ensuring hermetic integrity and minimizing out-gassing
by limiting the number of internal components through the use of ASIC technology. Mass-loading on the
crystal generally results in a frequency decrease and is typically due to out-gassing of material within a
hermetic package or from contamination by external material in a non-hermetic package.
Under normal operating conditions the CD-700 will typically exhibit 2 ppm aging in the first year of
operation. The device will then typically exhibit 1 ppm aging the following year with a logarithmic decline
each year thereafter.
Frequency Divider Feature
The lowest available VCXO OUT1 frequency is 12.000 MHz. To achieve lower frequencies, OUT1 is
divided by a 2
n counter (n = 1 to 8) and is the OUT2 frequency. The divider values (2, 4, 8, 16, 32, 64,
128 and 256) are set at the factory, so it is user selectable upon ordering only. In addition, a disabled
OUT2 option is also available. To achieve 1.544 MHz, a CD-700 with OUT1 frequency equal to 24.704
MHz and a divider value equal to 16 would be used. Additional external divider circuits can be used to
further lower or change the frequency.


Số phần tương tự - CD-700-LAC-GAB-XX.XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
CD-700-LAC-GAB-77.760 VECTRON-CD-700-LAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Mô tả tương tự - CD-700-LAC-GAB-XX.XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com