công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6211GDP167 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SM320C6211GDP167
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320C6211GDP167 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SM320C6211GDP167 Datasheet HTML 1Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 2Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 3Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 4Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 5Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 6Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 7Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 8Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
TMS320C6211, TMS320C6211B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS073K − AUGUST 1998 − REVISED MARCH 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6211/C6211B DSP. The table shows significant features of each device,
including the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count.
For more details on the C6000 DSP device part numbers and part numbering, see Table 17 and Figure 4.
Table 1. Characteristics of the C6211/C6211B Processors
HARDWARE FEATURES
C6211
(FIXED-POINT DSP)
C6211B
(FIXED-POINT DSP)
EMIF
(Clock source = ECLKIN)
1
1
EDMA
(Internal clock source =
CPU clock frequency)
1
1
Peripherals
HPI
1
1
Peripherals
McBSPs
(Internal clock source =
CPU/2 clock frequency)
2
2
32-Bit Timers
(Internal clock source =
CPU/4 clock frequency)
2
2
Size (Bytes)
72K
72K
On-Chip
Memory
Organization
4K-Byte (4KB) L1 Program (L1P) Cache
4KB L1 Data (L1D) Cache
64KB Unified Mapped RAM/Cache (L2)
4K-Byte (4KB) L1 Program (L1P) Cache
4KB L1 Data (L1D) Cache
64KB Unified Mapped RAM/Cache (L2)
CPU ID+
CPU Rev ID
Control Status Register
(CSR.[31:16])
0x0002
0x0002
Frequency
MHz
167, 150
167, 150
Cycle Time
ns
6 ns (C6211-167)
6.7 ns (C6211-150)
6 ns (C6211B-167)
6.7 ns (C6211B-150)
6.7 ns (C6211BGFNA-150)
Voltage
Core (V)
1.8
1.8
Voltage
I/O (V)
3.3
3.3
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4
Bypass (x1), x4
BGA Package
27 x 27 mm
256-Pin BGA (GFN)
256-Pin BGA (GFN)
Process
Technology
µm
0.18 µm
0.18 µm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
C6000 is a trademark of Texas Instruments.


Số phần tương tự - SM320C6211GDP167

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6201 TI-SM320C6201 Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201 TI1-SM320C6201 Datasheet
1Mb / 76P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
869Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
932Kb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C6211GDP167

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com