công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA12T bảng dữ liệu(PDF) 4 Page - Rohm |
|
BA12T bảng dữ liệu(HTML) 4 Page - Rohm |
4 / 8 page BAOOT / BAOOFP series Regulator ICs BA07T / FP (unless otherwise noted, Ta=25 °C, VCC=12V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 6.65 7.0 7.35 V Fig.1 Reg.I - 20 100 mV VIN = 8 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA08T / FP (unless otherwise noted, Ta=25 °C, VCC=13V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement Circuit 7.6 8.0 8.4 V Fig.1 Reg.I - 20 100 mV VIN = 9 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA09T / FP (unless otherwise noted, Ta=25 °C, VCC=14V, IO=500mA) (under development) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 8.45 9.0 9.45 V Fig.1 Reg.I - 20 100 mV VIN = 10 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA10T / FP (unless otherwise noted, Ta=25 °C, VCC=15V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 9.5 10 10.5 V Fig.1 Reg.I - 20 100 mV VIN = 11 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage |
Số phần tương tự - BA12T |
|
Mô tả tương tự - BA12T |