công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHCTXXXAM bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74VHCTXXXAM
Giải thích chi tiết về linh kiện  Octal Bus Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHCTXXXAM bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74VHCTXXXAM Datasheet HTML 1Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 2Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 3Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 4Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 5Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Octal Bus Buffer
The MC74VHCT541A is an advanced high speed CMOS octal bus buffer
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while maintaining
CMOS low power dissipation.
The MC74VHCT541A is a noninverting, 3–state, buffer/line driver/line
receiver. When either OE1 or OE2 is high, the terminal outputs are in the
high impedance state.
The VHCT inputs are compatible with TTL levels. This device can be used
as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS
level output swings.
The VHCT541A input and output (when disabled) structures provide
protection when voltages between 0V and 5.5V are applied, regardless of
the supply voltage. These input and output structures help prevent device
destruction caused by supply voltage – input/output voltage mismatch,
battery backup, hot insertion, etc.
• High Speed: tPD = 5.4ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5V to 5.5V Operating Range
• Low Noise: VOLP = 1.6V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 134 FETs or 33.5 Equivalent Gates
18
Y1
2
A1
17
Y2
3
A2
16
Y3
4
A3
15
Y4
5
A4
14
Y5
6
A5
13
Y6
7
A6
12
Y7
8
A7
11
Y8
9
A8
OE1
OE2
1
19
OUTPUT
ENABLES
DATA
INPUTS
NONINVERTING
OUTPUTS
LOGIC DIAGRAM
MC74VHCT541A
PIN ASSIGNMENT
A5
A3
A2
A1
OE1
GND
A8
A7
A6
A4
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Y3
Y2
Y1
OE2
VCC
Y8
Y7
Y6
Y5
Y4
DW SUFFIX
20–LEAD SOIC PACKAGE
CASE 751D–04
ORDERING INFORMATION
MC74VHCTXXXADW
MC74VHCTXXXADT
MC74VHCTXXXAM
SOIC
TSSOP
SOIC EIAJ
DT SUFFIX
20–LEAD TSSOP PACKAGE
CASE 948E–02
M SUFFIX
20–LEAD SOIC EIAJ PACKAGE
CASE 967–01
L
L
H
X
L
L
X
H
L
H
X
X
FUNCTION TABLE
Inputs
Output Y
OE1
OE2
A
L
H
Z
Z


Số phần tương tự - MC74VHCTXXXAM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHCTXXAD ONSEMI-MC74VHCTXXAD Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCTXXAD ONSEMI-MC74VHCTXXAD Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCTXXADT ONSEMI-MC74VHCTXXADT Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCTXXADT ONSEMI-MC74VHCTXXADT Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCTXXAM ONSEMI-MC74VHCTXXAM Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
More results

Mô tả tương tự - MC74VHCTXXXAM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com