công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A4595 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
TS5A4595 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 14 page TS5A4595 8 W SPST ANALOG SWITCH 5V/3.3V SINGLECHANNEL ANALOG SWITCH SCDS180 − FEBRUARY 2005 www.ti.com 9 PIN DESCRIPTION PIN NUMBER NAME DESCRIPTION 1 COM Common 2 NC Normally closed 3 GND Digital ground 4 IN Digital control pin to connect COM to NC 5 V+ Power supply PARAMETER DESCRIPTION SYMBOL DESCRIPTION VCOM Voltage at COM VNC Voltage at NC ron Resistance between COM and NC ports when the channel is ON ron(flat) Difference between the maximum and minimum value of ron in a channel over the specified range of conditions INC(OFF) Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state INC(ON) Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output (COM) open ICOM(OFF) Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the OFF state ICOM(ON) Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the ON state and the output (NC) open VIH Minimum input voltage for logic high for the control input (IN) VIL Maximum input voltage for logic low for the control input (IN) VI Voltage at the control input (IN) IIH, IIL Leakage current measured at the control input (IN) tON Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning ON. tOFF Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning OFF. QC Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC or COM) output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input. Charge injection, QC = CL × ∆VCOM, CL is the load capacitance, and ∆VCOM is the change in analog output voltage. CNC(OFF) Capacitance at the NC port when the corresponding channel (NC to COM) is OFF CNC(ON) Capacitance at the NC port when the corresponding channel (NC to COM) is ON CCOM(OFF) Capacitance at the COM port when the corresponding channel (COM to NC) is OFF CCOM(ON) Capacitance at the COM port when the corresponding channel (COM to NC) is ON CI Capacitance of control input (IN) OISO OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific frequency, with the corresponding channel (NC to COM) in the OFF state. BW Bandwidth of the switch. This is the frequency in which the gain of an ON channel is −3 dB below the DC gain. THD Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root mean square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental harmonic. I+ Static power-supply current with the control (IN) pin at V+ or GND |
Số phần tương tự - TS5A4595 |
|
Mô tả tương tự - TS5A4595 |