công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC-350-DBD-156A-12.80 bảng dữ liệu(PDF) 2 Page - Vectron International, Inc |
|
TC-350-DBD-156A-12.80 bảng dữ liệu(HTML) 2 Page - Vectron International, Inc |
2 / 6 page TC-350 Series Low Profile TCXO’s Performance Characteristics Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com 2 Standard Frequencies: 10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48, 27.00 MHz Available from 1.0 MHz to 77.76 MHz Package: 22.86 x 17.78 x 3.81 mm (0.90” x 0.70” x 0.15”) Supply Voltage (Vdd): C = 5.0 Vdc ±5% (Other options are available upon request) D = 3.3 Vdc ±5% Current: Current draw will vary greatly depending on frequency and output type. For this series TCXO typical current draw will be about 10 mA. Please consult the factory about your exact current requirements. Output: A = HCMOS/ACMOS B = 10 TTL Voh min. 0.8 Vdd 2.4 Vdc Voh max. 0.5 Vdc 0.5 Vdc Rise/Fall Time: 5 ns max. 10 ns max. Symmetry (Duty Cycle): 50% ±10% 50% ±10% Load: 100k ohm // 10 pF 10 TTL Temperature Stability: B-507 = ±5.0 x 10-7 over 0°C to +50°C B-106 = ±1.0 x 10-6 over 0°C to +50°C C-507 = ±5.0 x 10-7 over 0°C to +70°C C-106 = ±1.0 x 10-6 over 0°C to +70°C D-757 = ±7.5 x 10-7 over -20°C to +70°C D-156 = ±1.5 x 10-6 over -20°C to +70°C F-106 = ±1.0 x 10-6 over -40°C to +85°C F-206 = ±2.0 x 10-6 over -40°C to +85°C G-156 = ±1.5 x 10-6 over -55°C to +85°C G-256 = ±2.5 x 10-6 over -55°C to +85°C Aging (typical): <5 ppm for ten years @ +70°C Frequency vs. Supply: <±0.1 ppm for a ±5% change in Supply Voltage Electrical Frequency Adjust: ±5 ppm minimum via external voltage, 0 to Vdd NOTE: Tighter stabilities and wider temperature ranges are avail- able, please con- sult the factory. Parameter Characteristics |
Số phần tương tự - TC-350-DBD-156A-12.80 |
|
Mô tả tương tự - TC-350-DBD-156A-12.80 |