công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1DU256NMCB-0QC00 bảng dữ liệu(PDF) 8 Page - Samsung semiconductor

tên linh kiện MC1DU256NMCB-0QC00
Giải thích chi tiết về linh kiện  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU256NMCB-0QC00 bảng dữ liệu(HTML) 8 Page - Samsung semiconductor

Back Button MC1DU256NMCB-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC1DU256NMCB-0QC00 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MultiMediaCard
TM
8
An important feature of the MultiMediaCard is automatic entrance and exit from sleep mode. Upon
completion of an operation, the MultiMediaCard will enter the sleep mode to conserve power if no
further commands are received within 5 msec The host does not have to take any action for this to
occur. In most systems, the MultiMediaCard is in sleep mode except when the host is accessing it,
thus conserving power. When the host is ready to access the MultiMediaCard and it is in sleep mode,
any command issued to the MultiMediaCard will cause it to exit sleep and respond. The host does not
have to issue a reset first. It may do this if desired, but it is not needed. By not issuing the reset,
performance is improved through the reduction of overhead.
2.5 Hot Insertion
Support for hot insertion will be required on the host but will be supported through the connector.
Connector manufacturers will provide connectors that have power pins long enough to be powered
before contact is made with the other pins. Please see connector data sheets for more details. This
approach is similar to that used in PCMCIA to allow for hot insertion. This applies to both
MultiMediaCard and SPI modes.
2.6
MultiMediaCard Mode
2.6.1 MultiMediaCard Standard Compliance
The MultiMediaCard is fully compliant with MultiMediaCard standard specification V3.31.
The structure of the Card Specific Data (CSD) register is compliant with CSD structure V1.2.
2.6.2 Negotiating Operation Conditions
The MultiMediaCard supports the operation condition verification sequence defined in the
MultiMediaCard standard specifications. The MultiMediaCard host should define an operating voltage
range that is not supported by the MultiMediaCard. It will put itself in an inactive state and ignore any
bus communication. The only way to get the card out of the inactive state is by powering it down and
up again. In addition the host can explicitly send the card to the inactive state by using the
GO_INACTIVE_STATE command.
2.6.3 Card Acquisition and Identification
The MultiMediaCard bus is a single master (MultiMediaCard host) and multi-slaves (cards) bus. The
host can query the bus and find out how many cards of which type are currently connected. The
MultiMediaCard’s CID register is pre-programmed with a unique card identification number which is
used during the acquisition and identification procedure
In addition, the MultiMediaCard host can read the card’s CID register using the READ_CID
MultiMediaCard command. The CID register is programmed during the MultiMediaCard testing and
formatting procedure, on the manufacturing floor. The MultiMediaCard host can only read this register
and not write to it.
2.6.4 Card Status
MultiMediaCard status is stored in a 32 bit status register which is sent as the data field in the card
respond to host commands. Status register provides information about the card’s current state and
completion codes for the last host command. The card status can be explicitly read (polled) with the
SEND_STATUS command.


Số phần tương tự - MC1DU256NMCB-0QC00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Mô tả tương tự - MC1DU256NMCB-0QC00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com