công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5429YRU-REEL7 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
AD5429YRU-REEL7 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 32 page AD5429/AD5439/AD5449 Rev. 0 | Page 3 of 32 SPECIFICATIONS VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2A, IOUT2B = 0 V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured with OP1177, ac performance with AD9631, unless otherwise noted. Temperature range for Y version is −40°C to +125°C. Table 1. Parameter Min Typ Max Unit Conditions STATIC PERFORMANCE AD5429 Resolution 8 Bits Relative Accuracy ±0.5 LSB Differential Nonlinearity ±1 LSB Guaranteed monotonic AD5439 Resolution 10 Bits Relative Accuracy ±0.5 LSB Differential Nonlinearity ±1 LSB Guaranteed monotonic AD5449 Resolution 12 Bits Relative Accuracy ±1 LSB Differential Nonlinearity −1/+2 LSB Guaranteed monotonic Gain Error ±10 mV Gain Error Temp Coefficient1 ±5 ppm FSR/°C Output Leakage Current ±5 nA Data = 0000H, TA = 25°C, IOUT1 ±10 nA Data = 0000H, IOUT1 REFERENCE INPUT1 Typical resistor TC = −50 ppm/°C Reference Input Range ±10 V VREFA,VREFB Input Resistance 8 10 12 kΩ DAC input resistance VREFA/B Input Resistance Mismatch 1.6 2.5 % Typ = 25°C, max = 125°C DIGITAL INPUTS/OUTPUT1 Input High Voltage, VIH 1.7 V VDD = 2.5 V to 5.5 V Input Low Voltage, VIL 0.8 V VDD = 2.7 V to 5.5 V 0.7 V VDD = 2.5 V to 2.7 V Input Leakage Current, IIL 1 µA Input Capacitance 10 pF VDD = 4.5 V to 5.5 V Output Low Voltage, VOL 0.4 V ISINK = 200 µA Output High Voltage, VOH VDD − 1 V ISOURCE = 200 µA VDD = 2.5 V to 3.6 V Output Low Voltage, VOL 0.4 V ISINK = 200 µA Output High Voltage, VOH VDD − 0.5 V ISOURCE = 200 µA DYNAMIC PERFORMANCE1 Reference Multiplying BW 10 MHz VREF = 5 V p-p, DAC loaded all 1s Output Voltage Settling Time Measured to ±4 mV of FS, RLOAD = 100 Ω, CLOAD = 0s AD5429 50 100 ns AD5439 55 110 ns DAC latch alternately loaded with 0s and 1s AD5449 90 160 ns RLOAD = 100 Ω, CLOAD = 15 pF Digital Delay 20 40 ns Digital-to-Analog Glitch Impulse 3 nV-s 1 LSB change around major carry, VREF = 0 V Multiplying Feedthrough Error −75 dB DAC latch loaded with all 0s, reference = 10 kHz |
Số phần tương tự - AD5429YRU-REEL7 |
|
Mô tả tương tự - AD5429YRU-REEL7 |