công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5449 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5449
Giải thích chi tiết về linh kiện  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5449 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5449 Datasheet HTML 5Page - Analog Devices AD5449 Datasheet HTML 6Page - Analog Devices AD5449 Datasheet HTML 7Page - Analog Devices AD5449 Datasheet HTML 8Page - Analog Devices AD5449 Datasheet HTML 9Page - Analog Devices AD5449 Datasheet HTML 10Page - Analog Devices AD5449 Datasheet HTML 11Page - Analog Devices AD5449 Datasheet HTML 12Page - Analog Devices AD5449 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 9 of 32
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero and full scale and is typically expressed in
LSBs or as a percentage of full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
over the operating temperature range ensures monotonicity.
Gain Error
Gain error or full-scale error is a measure of the output error
between an ideal DAC and the actual device output. For these
DACs, ideal maximum output is VREF − 1 LSB. Gain error of the
DACs is adjustable to zero with external resistance.
Output Leakage Current
Output leakage current is current that flows in the DAC ladder
switches when these are turned off. For the IOUT1 terminal, it can
be measured by loading all 0s to the DAC and measuring the
IOUT1 current. Minimum current flows in the IOUT2 line when
the DAC is loaded with all 1s.
Output Capacitance
Capacitance from IOUT1 or IOUT2 to AGND.
Output Current Settling Time
The amount of time needed for the output to settle to a
specified level for a full-scale input change. For these devices,
it is specified with a 100 Ω resistor to ground.
Digital-to-Analog Glitch lmpulse
The amount of charge injected from the digital inputs to the
analog output when the inputs change state. This is normally
specified as the area of the glitch in either pA-s or nV-s,
depending upon whether the glitch is measured as a current
or voltage signal.
Digital Feedthrough
When the device is not selected, high frequency logic activity on
the device digital inputs is capacitively coupled through the
device to show up as noise on the IOUT pins and subsequently
into the following circuitry. This noise is digital feedthrough.
Multiplying Feedthrough Error
The error due to capacitive feedthrough from the DAC
reference input to the DAC IOUT1 terminal, when all 0s are
loaded to the DAC.
Digital Crosstalk
The glitch impulse transferred to the outputs of one DAC in
response to a full-scale code change (all 0s to all 1s and vice
versa) in the input register of the other DAC. It is expressed in
nV-s.
Analog Crosstalk
The glitch impulse transferred to the output of one DAC due to
a change in the output of another DAC. It is measured by
loading one of the input registers with a full-scale code change
(all 0s to all 1s and vice versa), while keeping LDAC high. Then
pulse LDAC low and monitor the output of the DAC whose
digital code was not changed. The area of the glitch is expressed
in nV-s.
Channel-to-Channel Isolation
The proportion of input signal from the reference input of one
DAC that appears at the output of the other DAC. It is expressed
in dB.
Total Harmonic Distortion (THD)
The DAC is driven by an ac reference. The ratio of the rms sum
of the harmonics of the DAC output to the fundamental value is
the THD. Usually only the lower-order harmonics are included,
such as second to fifth.
(
)
1
2
5
2
4
2
3
2
2
log
20
V
V
V
V
V
THD
+
+
+
=
Intermodulation Distortion
The DAC is driven by two combined sine wave references of
frequencies fa and fb. Distortion products are produced at
sum and difference frequencies of mfa ± nfb, where m,
n = 0, 1, 2, 3… Intermodulation terms are those for which m or
n is not equal to zero. The second-order terms include (fa + fb)
and (fa − fb) and the third-order terms are (2fa + fb), (2fa − fb),
(f + 2fa + 2fb) and (fa − 2fb). IMD is defined as
(
)
l
fundamenta
the
of
amplitude
rms
products
distortion
diff
and
sum
the
of
sum
rms
IMD
log
20
=
Compliance Voltage Range
The maximum range of (output) terminal voltage for which the
device provides the specified characteristics.


Số phần tương tự - AD5449

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5449 AD-AD5449 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5449 AD-AD5449 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5449 AD-AD5449 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5449 AD-AD5449 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5449 AD-AD5449 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Mô tả tương tự - AD5449

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com