công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1201A bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện MC1201A
Giải thích chi tiết về linh kiện  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MC1201A bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  MC1201A Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1201A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3
Product Family Overview
MC1401 series
MC1231 series
MC1241 series
MC1451 series
# of axes
4, 2, or 1
2 or 1
2 or 1
4, 2, or 1
Motors Supported
DC Servo
Brushless Servo
Stepper
Stepper
Encoder Format
Incremental (no dash version)
and Parallel ('-P' version)
Incremental
Incremental
Incremental*
Output Format
DC servo
Sinusoidally
commutated
Microstepping
Pulse and Direction
S-curve profiling
Yes
Yes
Yes
Yes
Electronic gearing
Yes
Yes
Yes
Yes
On-the-fly changes
Yes
Yes
Yes
Yes
Limit switches
Yes
Yes
Yes
Yes
PID & feedforward
Yes
Yes
-
-
PWM output
Yes
Yes
Yes
-
DAC-compatible output
Yes
Yes
Yes
-
Pulse & direction output
--
-
Yes
Index & Home signal
Yes
Yes
Yes
Yes*
Chipset p/n's
MC1401A, MC1401A-P (4 axes)
MC1201A, MC1201A-P (2 axes)
MC1101A, MC1101A-P (1 axis)
MC1231A (2 axes)
MC1131A (1 axis)
MC1241A (2 axes)
MC1141A (1 axis)
MC1451A, MC1451A-E (4 axes)
MC1251A, MC1251A-E (2 axes)
MC1151A, MC1151A-E (1 axis)
Developer's Kit p/n's:
DK1401A, DK1401A-P
DK1231A
DK1241A
DK1451A
* optional using third I.C. ('-E' version)
Introduction
This manual describes the operational characteristics of the MC1231A,
and MC1131A Motion Processors. These devices are members of
PMD's 1st generation motion processor family, which consists of 16
separate products organized into four groups.
Each of these devices are complete chip-based motion controllers.
They provide trajectory generation and related motion control functions.
Depending on the type of motor controlled they provide servo loop
closure, on-board commutation for brushless motors, and high speed
pulse and direction outputs. Together these products provide a
software-compatible family of dedicated motion processor chips which
can handle a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-
speed DSP (Digital Signal Processor) computation unit , along with an
ASIC (Application Specific Integrated Circuit). The computation unit
contains special on-board hardware such as a multiply instruction that
makes it well suited for the task of servo control.
Along with a similar hardware architecture these chips also share most
software commands, so that software written for one chipset may be re-
used with another, even though the type of motor may be different.
This manual describes the operation of the MC1231A and
MC1131A chipsets. For technical details on other members of
PMD's 1st generation motion processors see the corresponding
product manual.
Family Summary
MC1401 series (MC1401A, MC1201A, MC1101A, MC1401A-P,
MC1201A-P, MC1101A-P) - These chipsets take in incremental
encoder signals (standard version) or parallel word encoder signals
(-P version) and output a motor command in either PWM or DAC-
compatible format. These chipsets come in 1, 2 or 4 axis versions
and can be used with DC brushed motors, or brushless motors using
external commutation.
MC1231A series (MC1231A, MC1131A) - These chipsets take in
incremental quadrature encoder signals and output sinusoidally
commutated motor signals appropriate for driving brushless motors.
They are available in one or two axis versions. Depending on the
motor type they output two or three phased signals per axis in either
PWM or DAC-compatible format.
MC1241 series (MC1241A, MC1141A) - These chipsets provide
internal microstepping generation for stepping motors. They are
available in a one or a two-axis version. Two phased signals are
output per axis in either PWM or DAC-compatible format. An
incremental encoder signal can be input to confirm motor position.
MC1451 series (MC1451A, MC1251A, MC1151A, MC1451A-E,
MC1251A-E, MC1151A-E) - These chipsets provide very high speed
pulse and direction signal output appropriate for driving step motor-
based systems. They are available in a one, two, or four-axis version
and are also available with quadrature encoder input.
Each of these chipsets has an associated Chipset Developer's
Kit available for it. For more information contact your PMD
representative.


Số phần tương tự - MC1201A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1201 MOTOROLA-MC1201 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12011 MOTOROLA-MC12011 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12011D LANSDALE-MC12011D Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
MC12011D LANSDALE-MC12011D Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12011P MOTOROLA-MC12011P Datasheet
214Kb / 15P
   Dual Modulus Prescaler
More results

Mô tả tương tự - MC1201A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com