công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33594 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC33594
Giải thích chi tiết về linh kiện  PLL Tuned UHF Receiver for Data Transfer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33594 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC33594 Datasheet HTML 4Page - Motorola, Inc MC33594 Datasheet HTML 5Page - Motorola, Inc MC33594 Datasheet HTML 6Page - Motorola, Inc MC33594 Datasheet HTML 7Page - Motorola, Inc MC33594 Datasheet HTML 8Page - Motorola, Inc MC33594 Datasheet HTML 9Page - Motorola, Inc MC33594 Datasheet HTML 10Page - Motorola, Inc MC33594 Datasheet HTML 11Page - Motorola, Inc MC33594 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC33594
MOTOROLA SEMICONDUCTORS PRODUCTS
8
revision 1.1, 5 February 2002
© Motorola, Inc., 2002.
DATA MANAGER
This block, only usable when in FSK modulation, has five purposes:
- ID detection,
- Header recognition,
- Clock recovery,
- Output data and recovered clock on SPI port,
- End-of-Message detection.
Table 2 details some ROMEO2 features versus the bits DME and SOE values.
Table 2: ROMEO2 features versus DME and SOE
Table 3 details some ROMEO2 features versus DME values.
Table 3: ROMEO2 features versus DME
CLOCK GENERATOR
Typical crystal frequencies are:
- 9.864375MHz for 315MHz band,
- 13.580625MHz for 434MHz band.
Figure 11: Clock generation diagram
DME
MOD
SOE
Timer
ROMEO2
kept in Run mode by
Microcontroller
woken-up by
0x
0
External control by
STROBE pin
STROBE pin
Raw data
1
Internal and external
control by STROBE pin
11
0
External control by
STROBE pin
STROBE pin
Message Detection
word
1
Internal and external
control by STROBE pin
ID detection
and STROBE pin
Data clock
DME
MOD
SPI status
Data format
Output
0
x
Disabled
Bitstream
No clock
MOSI
-
11
Master when
RESETB=1
Data bytes
Recovered clock
MOSI
SCLK
÷ 8
Phase Frequency Detector
XTAL
Reference
÷ 32
÷ 11
IF Filter Reference Clock
& Clock Recovery (FSK only)
434MHz band
315MHz band
UHF Oscillator
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33594

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594FTA NXP-MC33594FTA Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results

Mô tả tương tự - MC33594

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com