công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDD2582 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor |
|
FDD2582 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor |
5 / 11 page ©2002 Fairchild Semiconductor Corporation FDD2582 Rev. B Figure 11. Normalized Gate Threshold Voltage vs Junction Temperature Figure 12. Normalized Drain to Source Breakdown Voltage vs Junction Temperature Figure 13. Capacitance vs Drain to Source Voltage Figure 14. Gate Charge Waveforms for Constant Gate Currents Typical Characteristics T C = 25°C unless otherwise noted 0.4 0.6 0.8 1.0 1.2 -80 -40 0 40 80 120 160 200 TJ, JUNCTION TEMPERATURE ( oC) VGS = VDS, ID = 250µA 0.9 1.0 1.1 1.2 -80 -40 0 40 80 120 160 200 TJ, JUNCTION TEMPERATURE ( oC) ID = 250µA 10 100 1000 0.1 1 10 150 2000 VGS = 0V, f = 1MHz CISS = CGS + CGD COSS ≅ CDS + CGD CRSS = CGD VDS, DRAIN TO SOURCE VOLTAGE (V) 0 2 4 6 8 10 0 5 10 15 20 Qg, GATE CHARGE (nC) VDD = 75V ID = 21A ID = 7A WAVEFORMS IN DESCENDING ORDER: |
Số phần tương tự - FDD2582 |
|
Mô tả tương tự - FDD2582 |