công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13191 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC13191
Giải thích chi tiết về linh kiện  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13191 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Block Diagrams
MC13191 Technical Data, Rev. 1.3
Freescale Semiconductor
3
— RoHS compliant
— Meets moisture sensitivity level (MSL) 3
— 260 °C peak reflow temperature
— Meets lead-free requirements
3 Block Diagrams
Figure 2 shows a simplified block diagram of the MC13191 transceiver that meets the requirements of the
IEEE 802.15.4 PHY. Figure 3 shows the basic system block diagram for the MC13191 in an application.
Interface with the transceiver is accomplished through a 4-wire SPI port and interrupt request line. The
media access control (MAC), drivers, and network and application software (as required) reside on the
host processor. The host can vary from a simple 8-bit device up to a sophisticated 32-bit processor
depending on application requirements.
4 Data Transfer Mode
The MC13191 has a data transfer mode called Packet Mode where data is buffered in on-chip Packet
RAMs. There is a TX Packet RAM and an RX Packet RAM, each of which are 64 locations by 16 bits
wide.
4.1 Packet Structure
Figure 4 shows the packet structure of the MC13191 which is consistent with the IEEE 802.15.4 Standard.
Payloads of up to 125 bytes are supported. The MC13191 adds a four-byte preamble, a one-byte Start of
Frame Delimiter (SFD), and a one-byte Frame Length Indicator (FLI) before the data. A two-byte Frame
Check Sequence (FCS) is calculated and appended to the end of the data.
4.2 Receive Path Description
In the receive signal path, the RF input is converted to low IF In-phase and Quadrature (I & Q) signals
through two down-conversion stages. An Energy Detect can be performed based upon the baseband energy
integrated over a specific time interval. The digital back end performs Differential Chip Detection (DCD),
the correlator “de-spreads” the Direct Sequence Spread Spectrum (DSSS) Offset QPSK (O-QPSK) signal,
determines the symbols and packets, and detects the data.
The preamble, SFD, and FLI are parsed and used to detect the payload data and FCS which are stored in
RAM. A two-byte FCS is calculated on the received data and compared to the FCS value appended to the
transmitted data which generates a Cyclical Redundancy Check (CRC) result. Link Quality is measured
over a 64 µs period after the packet preamble and stored in RAM.
The MC13191 uses a packet mode where the data is processed as an entire packet and stored in Rx Packet
RAM. The MCU is notified that an entire packet has been received via an interrupt.


Số phần tương tự - MC13191

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Mô tả tương tự - MC13191

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com