công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF113D bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
LF113D bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page Model Selection Guide Notes: All dimensions are typical in inches (mm) Tolerance x.xx = ±0.01 (±0.25) Pin 1 is marked by a “dot” or indentation on the unit Model Number Input Output Load Regulation (%, Max) Efficiency (%, Typ) Fuse Rating Slow-Blow (mA) Voltage (VDC) Current (mA) Voltage (VDC) Current (mA, Max) Current (mA, Min) Nominal Range Full-Load No-Load LF101D 5 4.5 - 5.5 267 30 ±5.0 ±100.0 ±2.0 10 75 500 LF102D 5 4.5 - 5.5 260 30 ±9.0 ±55.0 ±1.0 10 76 500 LF103D 5 4.5 - 5.5 255 30 ±12.0 ±42.0 ±0.8 8 79 500 LF104D 5 4.5 - 5.5 251 30 ±15.0 ±33.0 ±0.7 7 79 500 LF111D 12 10.8 - 13.2 111 15 ±5.0 ±100.0 ±2.0 8 75 200 LF112D 12 10.8 - 13.2 109 15 ±9.0 ±55.0 ±1.0 8 76 200 LF113D 12 10.8 - 13.2 105 15 ±12.0 ±42.0 ±0.8 5 80 200 LF114D 12 10.8 - 13.2 103 15 ±15.0 ±33.0 ±0.7 5 80 200 232 Tosca Drive, Stoughton, MA 02072 www.micropowerdirect.com sales@micropowerdirect.com phone: (781) 344 - 8226 ● fax: (781) 344 - 8481 Mechanical Dimensions MicroPower Direct Pin Description Pin Description 1-Vin 6 NA 2 +Vin 7 +Vout 3NA 8 NA 4 Common 9 NA 5 -Vout 10 NA Pin Connections μF Max ±33 Capacitive Load 0.10 (2.54) 0.42 (10.8) 0.07 (1.70) 0.04 (1.0) Min Board Layout -40 -20 0 5 15 25 35 45 55 65 75 85 95 105 0 20 40 60 80 100 Ambient Temperature 1C -5%/ 1C 0.60 (15.24 ) + + 0.01 0.25 0.30 (8.0 ) + + 0.004 0.100 0.027 0.7 ) ( + + 0.004 0.100 0.25 (6.5 ) + + 0.004 0.100 0.27 (7.0 ) + + 0.004 0.100 0.35 (9.0 ) + + 0.008 0.200 0.42 (10.8 ) + + 0.008 0.200 See Note S Seating Plane 0.001 (0.25 ) + + 0.002 0.050 0.04 (1.05 ) + + 0.006 0.150 0.40 (10.16 ) + + 0.004 0.100 0.26 (6.7 ) + + 0.004 0.100 0.078 (2.000 ) + + 0.004 0.100 0.01 (0.25 ) +0.0 / -0.006 +0.0 /- 0.150 0.10 (2.54 ) + + 0.004 0.100 + + 0.2 ( 5.0 ) O O Reference Plane Note: The curved edge of the case indicates the Pin 1 side. 12 3 4 5 6 7 8 9 10 Top View Derating Curve Note: 1. Load regulation is measured for an output change of 20% to 100%. 2. The outputs of these units may be connected to provide a 5 VDC, 18 VDC, 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) ouputs and float the ouput common. 3. These units do not require external comonents to operate, but the use of an input capacitor (10 µF) may enhance performance in some applications. For applications requiring lower output ripple levels, the addition of an output capacitor (4.7 µF to 10 µF) will typically achieve good results. |
Số phần tương tự - LF113D |
|
Mô tả tương tự - LF113D |