công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG633YCP bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG633YCP
Giải thích chi tiết về linh kiện  CMOS V/5 V/3 V Triple SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG633YCP bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG633YCP Datasheet HTML 1Page - Analog Devices ADG633YCP Datasheet HTML 2Page - Analog Devices ADG633YCP Datasheet HTML 3Page - Analog Devices ADG633YCP Datasheet HTML 4Page - Analog Devices ADG633YCP Datasheet HTML 5Page - Analog Devices ADG633YCP Datasheet HTML 6Page - Analog Devices ADG633YCP Datasheet HTML 7Page - Analog Devices ADG633YCP Datasheet HTML 8Page - Analog Devices ADG633YCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
thatmayresultfromitsuse.Nolicenseisgrantedbyimplicationorotherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADG633
CMOS ±5 V/+5 V/+3 V Triple SPDT Switch
FEATURES
±2 V to ±6 V Dual Supply
2 V to 12 V Single Supply
Automotive Temperature Range –40oC to +125oC
<0.2 nA Leakage Currents
52  On Resistance over Full Signal Range
Rail-to-Rail Switching Operation
16-Lead Chip Scale/TSSOP Packages
Typical Power Consumption <0.1 W
TTL/CMOS Compatible Inputs
Package Upgrades to 74HC4053 and MAX4053/MAX4583
APPLICATIONS
Automotive Applications
Automatic Test Equipment
Data Acquisition Systems
Battery Powered Systems
Communication Systems
Audio and Video Signal Routing
Relay Replacement
Sample-and-Hold Systems
Industrial Control Systems
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The ADG633 is a low voltage CMOS device comprising three
independently selectable SPDT (single pole double throw)
switches.They are fully specified for ±5 V, +5 V, and +3 V supplies.
The ADG633 switches are turned on with a logic low (or high)
on the appropriate control input. Each switch conducts equally
well in both directions when ON and has an input signal range
that extends to the supplies. An EN input is used to enable or
EN
EN
disable the device.When disabled, all channels are switched off.
These parts are designed on an enhanced process that pro-
vides lower power dissipation yet gives high switching speeds.
Low power consumption and an operating supply range of 2 V
to 12 V make the ADG633 ideal for battery-powered portable
instruments. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching chan-
nels. All digital inputs have 0.8 V to 2.4 V logic thresholds,
ensuring TTL/CMOS logic compatibility when using single
+5 V or dual ±5 V supplies.
The ADG633 is available in small 16-lead TSSOP packages and
16-lead 4 mm  4 mm chip scale packages.
PRODUCT HIGHLIGHTS
1. Single- and dual-supply operation. The ADG633 offers
high performance and is fully specified and guaranteed
with ±5 V, +5 V and +3 V supply rails.
2. Automotive temperature range –40oC to +125oC.
3. Guaranteed break-before-make switching action.
4. Low power consumption, typically <0.1 W.
5. Small 16-lead TSSOP and 16-lead 4 mm  4 mm
chip scale packages.
S1B
D1
S1A
S2A
D2
S2B
S3A
D3
S3B
A0 A1 A2 EN
LOGIC
ADG633
SWITCHES SHOWN FOR A LOGIC 1 INPUT
REV. 0


Số phần tương tự - ADG633YCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCP-REEL7 AD-ADG633YCP-REEL7 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ-REEL71 AD-ADG633YCPZ-REEL71 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ1 AD-ADG633YCPZ1 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
More results

Mô tả tương tự - ADG633YCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
M/A-COM Technology Solu...
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
   3 V GaAs SPDT Switch
MASWSS0179 MA-COM-MASWSS0179_15 Datasheet
538Kb / 4P
   3 V GaAs SPDT Switch
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com