công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2751 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM2751
Giải thích chi tiết về linh kiện  Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2751 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LM2751 Datasheet HTML 1Page - National Semiconductor (TI) LM2751 Datasheet HTML 2Page - National Semiconductor (TI) LM2751 Datasheet HTML 3Page - National Semiconductor (TI) LM2751 Datasheet HTML 4Page - National Semiconductor (TI) LM2751 Datasheet HTML 5Page - National Semiconductor (TI) LM2751 Datasheet HTML 6Page - National Semiconductor (TI) LM2751 Datasheet HTML 7Page - National Semiconductor (TI) LM2751 Datasheet HTML 8Page - National Semiconductor (TI) LM2751 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics
(Notes 2, 7) (Continued)
Limits in standard typeface are for T
A =25
oC. Limits in boldface type apply over the full operating ambient temperature range
(-40˚C
≤ T
A
≤ +85˚C) . Unless otherwise noted, specifications apply to the LM2751 Typical Application Circuit (pg. 1) with: V
IN
= 3.6V, V(EN) = V
IN, CS0=CS1=VIN,C1 =C2 = 1.0µF, CIN =COUT = 2.2µF (Note 8).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fsw
Switching Frequency
CS0 = High, CS1 = Low
2.8V
≤ V
IN
≤ 5.5V
6.7
(−30%)
9.5
12.3
(+30%)
kHz
CS0 = Low, CS1 = Low
2.8V
≤ V
IN
≤ 5.5V
26
(−30%)
37
48
(+30%)
CS0 = Low, CS1 = High
2.8V
≤ V
IN
≤ 5.5V
210
(−30%)
300
390
(+30%)
CS0 = High, CS1 = High
2.8V
≤ V
IN
≤ 5.5V
508
(−30%)
725
942
(+30%)
V
IH
Logic Input High
Input Pins: EN, CS0, CS1
2.8V
≤ V
IN
≤ 5.5V
1.00
V
IN
V
V
IL
Logic Input Low
Input Pins: EN, CS0, CS1
2.8V
≤ V
IN
≤ 5.5V
0
.30
V
I
IH
Logic Input High Current
Input Pins: CS0, CS1
V(CSx) = 1.8V
10
nA
Input Pin: EN
V(EN) = 1.8V(Note 9)
2µA
I
IL
Logic Input Low Current
Input Pins: EN, CS0, CS1
V(EN, CSx) = 0V
10
nA
V
G
Gain Transition Voltage
(Version A, B)
1.5X to 2X
3.50
V
2X to 1.5X
3.58
Hysteresis
40
80
150
mV
I
SC
Short Circuit Output
Current
V
OUT = 0V
250
mA
t
ON
V
OUT Turn-On Time
(Note 10)
300
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150˚C (typ.) and disengages at
TJ=140˚C (typ.).
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP =115
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP -(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7. The test board is a 4 layer FR-4 board measuring 102mm x 76mm x 1.6mm witha2x1 array of thermal vias. The ground plane on the board
is 50mm x 50mm. Thickness of copper layers are 36µm/18µm /18µm/36µm (1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22oC, still air. Power
dissipation is 1W.
The value of
θJA of the LM2751 in LLP-10 could fall in a range as wide as 50oC/W to 150oC/W (if not wider), depending on PWB material, layout, and environmental
conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal dissipation issues. For more
information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (LLP) and the Power Efficiency and Power Dissipation
section of this datasheet.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but represent the most likely norm.
Note 8: CIN,COUT,C1, and C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 9: EN Logic Input High Current (IIH)isdue toa1MΩ(typ.) pull-down resistor connected internally between the EN pin and GND.
Note 10: Turn-on time is measured from when the EN signal is pulled high until the output voltage on VOUT crosses 90% of its final value.
www.national.com
4


Số phần tương tự - LM2751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2751 TI-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-A TI-LM2751SD-A Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-A/NOPB TI1-LM2751SD-A/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Mô tả tương tự - LM2751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com