công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11693 bảng dữ liệu(PDF) 11 Page - Sanyo Semicon Device

tên linh kiện LB11693
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver for 24 V Fan Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693 bảng dữ liệu(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11693 Datasheet HTML 4Page - Sanyo Semicon Device LB11693 Datasheet HTML 5Page - Sanyo Semicon Device LB11693 Datasheet HTML 6Page - Sanyo Semicon Device LB11693 Datasheet HTML 7Page - Sanyo Semicon Device LB11693 Datasheet HTML 8Page - Sanyo Semicon Device LB11693 Datasheet HTML 9Page - Sanyo Semicon Device LB11693 Datasheet HTML 10Page - Sanyo Semicon Device LB11693 Datasheet HTML 11Page - Sanyo Semicon Device LB11693 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
No.8095-11/12
LB11693
possible if the braking current is limited to be under Iomax (1.8 A) by the motor coil resistance or other factors. Also,
since a transient through current will flow at the instant the direction is switched if the direction switching operation is
performed just from the F/R pin, a period where drive is turned off must be provided when switching directions.
Through currents must be prevented by setting the IC to the stop state with the S/S pin or TOC pin to provide a drive off
period where the duty due to the PWMIN pin is set to 0% and switching the F/R pin during that period.
9. Power Saving Circuit
This IC goes to a low-power mode (power saving state) when set to the stop state with the S/S pin. In the power saving
state, the bias currents in most of the circuits are cut off. However, the 5 V regulator output is still provided in the
power saving state.
10. Notes on the PWM Frequency
The PWM frequency is determined by the capacitor C (F) connected to the PWM pin.
fPWM ≈ 1/(23400 × C)
It is preferable to use a frequency in the range 15 kHz to 25 kHz for the PWM frequency. The connected capacitor must
be connected to the GND1 pin with a line as short as possible.
11. Control Methods
The output duty can be controlled by either of the following methods
• Control based on comparing the TOC pin voltage to the PWM oscillator waveform
The low side output transistor duty is determined according to the result of comparing the TOC pin voltage to the
PWM oscillator waveform. When the TOC pin voltage is 1.3 V or lower, the duty will be 0%, and when it is 3.0 V
or higher, the duty will be 100%.
Since the TOC pin is the output of the control amplifier (CTL), a control voltage cannot be directly input to the
TOC pin. Normally, the control amplifier is used as a full feedback amplifier (with the EI– pin connected to the
TOC pin) and a DC voltage is input to the EI+ pin (the EI+ pin voltage will become equal to the TOC pin voltage).
When the EI+ pin voltage becomes higher, the output duty increases. Since the motor will be driven when the EI+
pin is in the open state, a pull-down resistor must be connected to the EI+ pin if the motor should not operate when
EI+ is open.
When TOC pin voltage control is used, a low-level input must be applied to the PWMIN pin or that pin connected
to ground.
• Control based on a pulse signal input to the PWMIN pin
A pulse signal with a frequency in the range 15 to 25 kHz can be input to the PWMIN pin, and the duty of the low
side output transistor can be controlled based on the duty of that input signal. Note that the output is on when a low
level is input to the PWMIN pin, and off when a high level is input. When the PWMIN pin is open it goes to the
high level input and the output is be turned off.
When controlling motor operation from the PWMIN pin, the EI– pin must be connected to ground, and the EI+ pin
must be connected to the TOC pin.
12. Undervoltage Protection Circuit
The undervoltage protection circuit turns the low side output transistor off when
the LVS pin voltage falls below the minimum operation voltage (about 3.8 V).
The operating voltage detection level is set up for 5 V systems. The detected
voltage level can be increased by shifting the voltage by inserting a zener diode
in series with the LVS pin. The LVS influx current during detection is about
65 µA. To minimize the effect of sample-to-sample variations in the zener
voltage, the current flowing in the zener diode must be increased thus
stabilizing the rise in the zener diode voltage. If this is required, insert a resistor between the LVS pin and ground.
If the LVS pin is left open, the internal pull-down resistor will result in the IC seeing a ground level input, and the
output will be turned off. Therefore, a voltage in excess of the LVS circuit clear voltage (about 4.3 V) must be applied
to the LVS pin if the application does not use the undervoltage protection circuit. The maximum rating for the LVS pin
applied voltage is 30 V.
13. Constraint Protection Circuit
When the motor is physically constrained (held stopped), the CSD pin external capacitor is charged (to about 3.0 V) by
a constant current of about 2.4 µA and is then discharged (to about 1.0 V) by a constant current of about 0.17 µA. This
process is repeated, generating a sawtooth waveform. The constraint protection circuit turns motor drive (the low side
To the LVS pin
To the power supply
level to be detected


Số phần tương tự - LB11693

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

Mô tả tương tự - LB11693

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com