công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD74ALVC2G04 bảng dữ liệu(PDF) 5 Page - Hitachi Semiconductor

tên linh kiện HD74ALVC2G04
Giải thích chi tiết về linh kiện  Low voltage and high speed operation is suitable for the battery powered products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC2G04 bảng dữ liệu(HTML) 5 Page - Hitachi Semiconductor

  HD74ALVC2G04 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74ALVC2G04
Rev.0, Jul. 2001, page 5 of 10
Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
V
CC (V)
*
Min
Typ
Max
Unit
Test conditions
Input voltage
V
IH
1.2
V
CC×0.75

V
1.4 to 1.6
V
CC×0.7

1.65 to 1.95
V
CC×0.7

2.3 to 2.7
1.7

3.0 to 3.6
2.0

V
IL
1.2

V
CC×0.25
1.4 to 1.6

V
CC×0.3
1.65 to 1.95

V
CC×0.3
2.3 to 2.7

0.7
3.0 to 3.6

0.8
Output voltage
V
OH
Min to Max
V
CC−0.2

VI
OH = −100 µA
1.2
0.9

I
OH = −2 mA
1.4
1.1

I
OH = −4 mA
1.65
1.2

I
OH = −6 mA
2.3
1.7

I
OH = −18 mA
3.0
2.2

I
OH = −24 mA
V
OL
Min to Max

0.2
I
OL = 100 µA
1.2

0.3
I
OL = 2 mA
1.4

0.3
I
OL = 4 mA
1.65

0.3
I
OL = 6 mA
2.3

0.55
I
OL = 18 mA
3.0

0.55
I
OL = 24 mA
Input current
I
IN
3.6
±5
µAV
IN = 3.6 V or GND
Quiescent supply
current
I
CC
3.6

10
µAV
IN = VCC or GND,
I
O = 0
Output leakage
current
I
OFF
0

5
µAV
IN or VO =
0 to 3.6 V
Input capacitance
C
IN
3.3
5.0
pF
V
IN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Số phần tương tự - HD74ALVC2G04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74ALVC2G04 RENESAS-HD74ALVC2G04 Datasheet
88Kb / 10P
   Triple Inverter Buffers
HD74ALVC2G04 RENESAS-HD74ALVC2G04 Datasheet
113Kb / 12P
   Triple Inverter Buffers
HD74ALVC2G04 RENESAS-HD74ALVC2G04_15 Datasheet
113Kb / 12P
   Triple Inverter Buffers
More results

Mô tả tương tự - HD74ALVC2G04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
AM505-200NI WALL-AM505-200NI Datasheet
148Kb / 2P
   Highly suitable for high speed pick and place machine operation
logo
IK Semicon Co., Ltd
IL34118 IKSEMICON-IL34118 Datasheet
965Kb / 14P
   Low Voltage Operation for Line-Powered Applications
logo
List of Unclassifed Man...
AD404M42VSA ETC-AD404M42VSA Datasheet
211Kb / 28P
   Low voltage operation is more suitable to be used on battery backup, portable electronic
logo
rfsolutions.ltd
SWITCHLINK RFSOLUTIONS-SWITCHLINK Datasheet
2Mb / 6P
   The battery powered light switch
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
   The BT152 is suitable for motor control
logo
KEC(Korea Electronics)
KML0D4N20UL KEC-KML0D4N20UL Datasheet
784Kb / 4P
   It s mainly suitable for Load Switching Cell Phones, Battery Powered Systems and Level-Shifter
KML0D3P20UL KEC-KML0D3P20UL Datasheet
786Kb / 4P
   It s Mainly Suitable for Load Switching Cell Phones, Battery Powered Systems and Level-Shifter
logo
E-Tech Electronics LTD
GD751SD ETL-GD751SD Datasheet
138Kb / 2P
   The GD751SD is designed for high speed switching for detection and high reliability.
logo
NXP Semiconductors
68HC705RC16 NXP-68HC705RC16 Datasheet
1Mb / 120P
   The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.
Rev. 3.0
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com