công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM6800A bảng dữ liệu(PDF) 1 Page - Nippon Precision Circuits Inc

tên linh kiện SM6800A
Giải thích chi tiết về linh kiện  Class-D Mono Amplifier for Mobile Telephones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800A bảng dữ liệu(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6800A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—1
Class-D Mono Amplifier for Mobile Telephones
OVERVIEW
The SM6800A is an analog-input, class-D mono amplifier. Class-D operation provides high efficiency and low
power consumption. The device also incorporates a selectable real-time operation dynamic range compression
function that effectively suppresses the distortion in the saturation level region output by soft-clipping, boost-
ing the average sound pressure from the speaker during playback. It also incorporates an input equalizer pin for
output speaker frequency characteristics adjustment. These features make the device ideal for use in mobile
telephones and speaker applications requiring miniaturization and high-efficiency. The output stage has a BTL
output configuration where the output waveform inverts only the modulation components, enabling direct drive
connection, without using an LC filter, to a dynamic speaker. The device is available in miniature 20-pin QFN
packages, and requires only a peripheral chip capacitor to form a miniature amplifier circuit.
FEATURES
I
Operating supply voltage: 2.7 to 4.3V
I
Low current consumption: 4.8mA (VDD = 3.6V)
I
Output power: 0.7W (VDD = 3.6V, 8Ω load)
I
Output fundamental frequency: 125kHz
I
Gain
• 4.5dB (Normal)
• 12dB
to
4.5dB
automatic
adjustment
in
response to the input level
(Dynamic range compression mode)
I
Silicon-gate CMOS process
I
Package: 20-pin QFN
APPLICATIONS
I
Cellular phone
I
PDA
I
Digital still camera
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM6800AB
20-pin QFN
67 89 10
20 19 18 17 16
15
14
13
12
11
1
2
3
4
5
VDD3
OUTP
VSS2
OUTN
VDD2
VDD1
IN
EQP
EQN
VSS1
4.20 ± 0.20
4.00 ± 0.10
1
0.50
0.60 ± 0.10
0.22 ± 0.05
0.05
0.05 M


Số phần tương tự - SM6800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Nippon Precision Circui...
SM6801AB NPC-SM6801AB Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Mô tả tương tự - SM6800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com