công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM6800A bảng dữ liệu(PDF) 2 Page - Nippon Precision Circuits Inc |
|
SM6800A bảng dữ liệu(HTML) 2 Page - Nippon Precision Circuits Inc |
2 / 12 page SM6800A NIPPON PRECISION CIRCUITS INC.—2 BLOCK DIAGRAM PIN DESCRIPTION Number Name1 1. VDDS = VDD1, VDDP = VDD2 = VDD3, VSS = VSS1 = VSS2 = VSS3 I/O2 2. Ip = input pin with built-in pull-up resistor Function 1 VDD1 – Supply (input system) 2 IN I Signal input 3 EQP I Equalizer network connection 4 EQN I Equalizer network connection 5 VSS1 – Ground (input system) 6 VREF3 – Reference voltage 3 (internal bias voltage monitor. No connection for normal operation) 7 VREF2 – Reference voltage 2 (internal bias voltage monitor. No connection for normal operation) 8 VREF1 – Reference voltage 1 (bias voltage) 9 PDWN I Power-down control (active LOW) 10 MUTEN I Mute control (active LOW) 11 VDD2 – Supply (OUTN stage) 12 OUTN O Speaker minus (–) output 13 VSS2 – Ground (OUTP and OUTN stages) 14 OUTP O Speaker plus ( +) output 15 VDD3 – Supply (OUTP stage) 16 VSS3 – Ground (output system) 17 TM1 I Dynamic range compression mode setting 1 18 TM2 I Dynamic range compression mode setting 2 19 TEST Ip Test pin (HIGH: normal operation, LOW: test mode) 20 PROT O Protection circuit output (HIGH: protection circuit operation, LOW: normal operation) IN VSS2 PDWN VDD2 VREF1 OUTN MUTEN VREF3 VREF2 PWM Modulator OSC VDD3 VSS3 EQP VSS1 VDD1 EQN + − VREF1 VREF2 TEST TM2 TM1 + − VREF1 VREF2 VREF3 MUTE, POWERDOWN, PROTECTION LEVEL SHIFTER OUTP BIAS, VREF1, VREF2, VREF3 BUFFER BUFFER LEVEL SHIFTER |
Số phần tương tự - SM6800A |
|
Mô tả tương tự - SM6800A |