công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-F6654 bảng dữ liệu(PDF) 8 Page - Allegro MicroSystems

tên linh kiện STR-F6654
Giải thích chi tiết về linh kiện  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6654 bảng dữ liệu(HTML) 8 Page - Allegro MicroSystems

Back Button STR-F6654 Datasheet HTML 4Page - Allegro MicroSystems STR-F6654 Datasheet HTML 5Page - Allegro MicroSystems STR-F6654 Datasheet HTML 6Page - Allegro MicroSystems STR-F6654 Datasheet HTML 7Page - Allegro MicroSystems STR-F6654 Datasheet HTML 8Page - Allegro MicroSystems STR-F6654 Datasheet HTML 9Page - Allegro MicroSystems STR-F6654 Datasheet HTML 10Page - Allegro MicroSystems STR-F6654 Datasheet HTML 11Page - Allegro MicroSystems STR-F6654 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
TM
Functional Description and Operation (cont’d)
Figure 7 - Voltage Regulation Waveforms
Normal Operation (Quasi-Resonant) Mode
Refer to the Functional Block Diagram, Typical Appli-
cation diagram (figure 6), and Quasi-Resonance Wave-
forms (figure 8).
Regulation is achieved as in fixed off-time mode but
instead of having a fixed off-time, the demagnetization of
the transformer is sensed by a second comparator. This
comparator threshold, V
th(2) is nominally 1.45 V. Quasi-
resonance sensing makes use of the natural magnetizing
and leakage inductances and self-capacitances of the
power circuit.
Figure 8 shows the drain voltage waveform, (V
DS), on
pin 3 of the STR-F66xx, as well as V
P, the voltage on the
primary of the transformer.
Once the current in the output diode stops flowing, the
primary stored energy ‘rings’ as shown by V
P and VDS.
The resonant frequency (fr) is determined by the magne-
tizing inductance of the transformer and the capacitor C4.
The addition of this capacitor sets the ringing frequency
and reduces the harmonic content in the V
DS waveform,
lowering EMI. Also since V
DS falls to a minimum during
the first half-cycle of the ring this point can be sensed and
used to turn on the MOSFET with minimum voltage
across it. Thus the MOSFET is low voltage and zero
current switched (LVS/ZCS).
Figure 8 – Quasi-Resonance Waveforms
Dwg. GK-021
VP
VDS
VD
ID
t =
π√LpC4
f R = 1/2
π√LpC4
VDS (min)
VP
VIN
VOCP
2.8 V
Vth(2)
1.45 V
Vth(1)
0.73 V
VFDBK


Số phần tương tự - STR-F6654

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-F6654 SANKEN-STR-F6654 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6654 ALLEGRO-STR-F6654 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
logo
Sanken electric
STR-F6654 SANKEN-STR-F6654 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6654 ALLEGRO-STR-F6654 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Mô tả tương tự - STR-F6654

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com