công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NTE859 bảng dữ liệu(PDF) 2 Page - NTE Electronics

tên linh kiện NTE859
Giải thích chi tiết về linh kiện  Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NTE [NTE Electronics]
Trang chủ  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE859 bảng dữ liệu(HTML) 2 Page - NTE Electronics

  NTE859 Datasheet HTML 1Page - NTE Electronics NTE859 Datasheet HTML 2Page - NTE Electronics NTE859 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VCC = ±15V, TA = 0 to+70°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO = 0, RS = 50Ω
TA = +25°C
3
10
mV
13
mV
Temperature Coefficient of Input Offset
Voltage
αVIO
VO = 0, RS = 50Ω
10
µV/°C
Input Offset Current
IIO
VO = 0, Note 6
TA = +25°C
5
100
pA
2
nA
Input Bias Current
IIB
VO = 0, Note 6
TA = +25°C
30
200
pA
7
nA
Common–Mode Input Voltage Range
VICR
TA = +25°C
±11
±12
V
Maximum Peak Output Voltage Range
VOM
RL = 10kΩ, TA = +25°C
±12 ±13.5
V
RL = ≥10kΩ
±12
V
RL = ≥2kΩ
±10
±12
V
Large–Signal Differential Voltage
AVD
VO = ±10V,
≥ Ω
TA = +25°C
25
200
V/mV
Amplification
RL ≥ 2kΩ
15
V/mV
Unity–Gain Bandwidth
B1
TA = +25°C
3
MHz
Input Resistance
ri
TA = +25°C
1012
Common–Mode Rejection Ratio
CMRR
VIC = VICRmin, VO = 0, RS = 50Ω,
TA = +25°C
70
86
dB
SupplyVoltage Rejection Ratio
(
∆VCC±/∆VIO)
kSVR
VCC = ±15V to ±9V, VO = 0,
RS = 50Ω, TA = +25°C
70
86
dB
Supply Current (Per Amplifier)
ICC
No Load, VO = 0, TA = +25°C
1.4
2.5
mA
Crosstalk Attenuation
Vo1/Vo2 AVD = 100, TA = +25°C
120
dB
Note 5. All characteristics are measured under open–loop conditions with zero common–mode volt-
age unless otherwise specified.
Note 6. Input bias currents of a FET–input operational amplifier are normal junction reverse currents,
which are temperature sensitive. Pulse techniques must be used that will maintain the junc-
tion temperatures as close to the ambient temperature as is possible.
Operating Characteristics: (VCC = ±15V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Slew Rate at Unity Gain
SR
VI = 10V, RL = 2kΩ, CL = 100pF
8
13
V/
µs
Rise Time Overshoot Factor
tr
VI = 10V, RL = 2kΩ, CL = 100pF
0.1
µs
I
L
L
10
%
Equivalent Input Noise Voltage
Vn
RS = 100Ω
f = 1kHz
18
nV/
√Hz
f = 10Hz to 10kHz
4
µV
Equivalent Input Noise Current
In
RS = 100Ω, f = 1kHz
0.01
pA/
√Hz
Total Harmonic Distortion
THD
VO(rms)= 10V, RS ≤ 1kΩ, RL ≥ 2kΩ, f = 1kHz
0.003
%


Số phần tương tự - NTE859

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE8542 NTE-NTE8542 Datasheet
82Kb / 4P
   Integrated Circuit Tri−State Quad I/O Register
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
More results

Mô tả tương tự - NTE859

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE937 NTE-NTE937 Datasheet
34Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com